Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEP240F Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # LEP240F
Description  AC-DC Power Supplies Open Frame/ Enclosed type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LEP240F Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  LEP240F Datasheet HTML 1Page - RSG Electronic Components GmbH LEP240F Datasheet HTML 2Page - RSG Electronic Components GmbH LEP240F Datasheet HTML 3Page - RSG Electronic Components GmbH LEP240F Datasheet HTML 4Page - RSG Electronic Components GmbH LEP240F Datasheet HTML 5Page - RSG Electronic Components GmbH LEP240F Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
¡INPUT HARMONIC CURRENT (LEP100F-24)
¡EFFICIENCY (LEP100F-24)
¡INPUT HARMONIC CURRENT (LEP100F-24)
¡RISE TIME & FALL TIME (LEP100F-24)
DC Output
AC Input
Io=100%
20ms/DIV
100ms/DIV
ACIN 100V
86
78
80
82
84
76
100
60
140
180
220
260
300
100%
50%
Load factor
Load factor
INPUT VOLTAGE
V
010
20
30
40
0.01
0.001
0.1
1
10
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
100V
HARMONIC ORDER
010
20
30
40
0.01
0.001
0.1
1
10
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
230V
HARMONIC ORDER
LEP
LEP-3
LEP100F
External view
I / O Connector Mating Connector
Terminal
(Mfr: J.S.T.)
CN1
CN2
CN3
CN4
B3P5-VH
B8P-VH
B2B-XH-A
B3B-XH-A
VHR-5N
VHR-8N
XHP-2
XHP-3
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SXH-001T-P0.6
Loose: BXH-001T-P0.6
Chain : SXH-001T-P0.6
Loose: BXH-001T-P0.6
¶Keep drawing current per pin below 5A(7A at peak load)for CN2
¶Weight: 380g max
¶Tolerance:
t1 [t0.04]
¶Dimensions in mm, [
]=inches
¶PCB Material : CEM3
¶Chassis and cover is optional.
¶Mounting torque: 1.5N · m(16kgf · cm)max
PIN CONNECTION
Pin No.
1
2
3
4
5
Input
AC(L)
AC(N)
FG
CN1
Pin No.
Output
CN2
(Option)
Pin No. Remote ON/OFF
CN3
RC(
+)
RC(
-)
1
,
,
23
, 4
,
67
, 8
5
,
1
2
(Option)
Pin No.
-Z
CN4
+
COM
-
1
2
3
-V
+V
(Without chassis and cover)
(Option)
(Option)
235+
-0.5
8
2-
º4.5
CN3
CN4
º4.5
2-M4
Mounting
Hole
Mounting
Hole
4-M4
8
235+
-0.5
252
RC(
-)
RC(
+)
+ COM -
Name plate
Connector for Remote
ON/OFF (option)
Voltage adjust
Mounting
Hole
3-
º3.5
+
-0.5
PCB t=1.6
CN4
CN3
Connector for
-Z (option)
CN2
Mounting Hole
º3.5-4.0 [0.14-0.16]
CN1
Input(L)
Input(N)
FG
C119
CN2
CN1
CN3
CN4
(176)
212
222
[0.2]
[6.93]
[8.35]
[8.74]
[0.06]
[0.14]
[0.18]
[0.18]
[9.92]
[9.25]
[9.25]
[0.31]
[0.31]
5
-V
+V
5
1
1
3
5
8
4
Performance data



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com