Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EESPWD311 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EESPWD311
Description  Through-beam Photomicrosensor with a sensing distance as long as 1 m.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EESPWD311 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EESPWD311 Datasheet HTML 1Page - Omron Electronics LLC EESPWD311 Datasheet HTML 2Page - Omron Electronics LLC EESPWD311 Datasheet HTML 3Page - Omron Electronics LLC EESPWD311 Datasheet HTML 4Page - Omron Electronics LLC EESPWD311 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EE-SPW311/411
2
Ratings and Specifications
Engineering Data (Typical)
Item
Models
EE-SPW311, EE-SPW411
Sensing distance
1 m
*1. The indicator is a GaP red LED
(peak wavelength: 700 nm).
*2. The response frequency was measured by
detecting the following rotating disk.
Sensing object
Opaque: 5 mm dia. min.
Directional angle
5 to 20
°
Light source
GaAs infrared LED (pulse lighting) with a peak wavelength of 940 nm
Indicator *1
Light indicator (red)
Supply voltage
5 (
−5%) to 24 (+10%) VDC, ripple (p-p): 5% max.
Current consumption
Emitter: 20 mA max., Receiver: 20 mA max.
Control output
NPN open collector:
Load power supply voltage: 5 to 24 VDC
Load current: 100 mA max.
OFF current: 0.5 mA max.
100 mA load current with a residual voltage of 0.8 V max.
10 mA load current with a residual voltage of 0.4 V max.
Response frequency *2
100 Hz min.
Ambient illumination
3,000 lx max. with incandescent light on the surface of the receiver
Ambient temperature
range
Operating:
−10 to +55°C
Storage:
−25 to +65°C
Ambient humidity range
Operating: 5% to 85%
Storage:
5% to 95%
Vibration resistance
Destruction: 200 to 2,000 Hz (peak acceleration: 100 m/s2)
1.5-mm double amplitude for 2 h (4-min periods) each in X, Y, and Z
directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Degree of protection
IEC IP60
Connecting method
Special connector (soldering not possible)
Weight (packaged)
Approx. 8.8 g
Material
Case
Polybutylene phthalate (PBT)
Lens
Polycarbonate
Accessories
EE-1006L/D Connectors with Cables, Instruction Manual
Receiver Output Excess Gain Vs.
Sensing Distance Characteristics
Parallel Movement Characteristics
1 m
Optical axis
5 mm
5 mm
5 mm
1,000
500
300
100
50
30
10
5
3
1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Distance between sensors (m)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Distance X
Distance X (m)
Distance Y
140
120
100
80
60
40
20
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com