Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6K-2F-RF Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6K-2F-RF
Description  Surface Mount, 1GHz / 3 GHz Miniature DPDT, High Frequency Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6K-2F-RF Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6K-2F-RF Datasheet HTML 1Page - Omron Electronics LLC G6K-2F-RF Datasheet HTML 2Page - Omron Electronics LLC G6K-2F-RF Datasheet HTML 3Page - Omron Electronics LLC G6K-2F-RF Datasheet HTML 4Page - Omron Electronics LLC G6K-2F-RF Datasheet HTML 5Page - Omron Electronics LLC G6K-2F-RF Datasheet HTML 6Page - Omron Electronics LLC G6K-2F-RF Datasheet HTML 7Page - Omron Electronics LLC G6K-2F-RF Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
High Frequency Relay
G6K-RF
■ Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the Relay coil instantaneously.
■ High Frequency Characteristics
Note: 1. The impedance of the measurement system is 50
Ω.
2. The above values are initial
3. These values are for a load with V.S.W.R.
≤ 1.2
4. Contact Omron if the relay will be used in an application that requires high repeatability in high-frequency characteristics for the microload
region. (Such applications include Test and Measurement equipment and ATE applications.)
■ Characteristics
Note: 1. The above values are initial values.
2. The contact resistance was measured with 10 mA at 1 VDC with a voltage drop method.
3. Values in parentheses are typical values.
4. The insulation resistance was measured with a 500-VDC megohmmeter applied to the same parts as those used for checking the dielectric strength.
Rated voltage
Rated current
Coil resistance
Must operate
voltage
Must release
voltage
Maximum voltage
Rated power
consumption
3 VDC
33.0 mA
91
Ω
80% max. of rated
voltage
(75% max. of rated
set voltage for
latching models)
10% min. of rated
voltage
(75% max. of rated
reset voltage for
latching models)
150% of rated voltage Approx. 100 mW
4.5 VDC
23.2 mA
194
Ω
5 VDC
21.1 mA
237
Ω
12 VDC
9.1 mA
1,315
Ω
24 VDC
4.6 mA
5,220
Ω
1 GHz, all models
3 GHz, “-T” models
Isolation
between contacts of
the same pole
20 dB min.
18 dB min.
between contacts of
different poles
30 dB min.
25 dB min.
Insertion loss
0.2 dB max.
0.6 dB max.
V.S.W.R.
1.2 max.
1.4 max.
Maximum transmission capacity
3 W (See note 3)
Maximum switching capacity
1 W (See note 3)
Item
Single-side stable models
Single-winding latching models
G6K-2F-RF(-S)(-T)
G6KU-2F-RF(-S)(-T)
Contact resistance (See note 2.)
100 m
Ω max.
Operating (set) time (See note 3.)
3 ms max. (approx. 1.4 ms)
3 ms max. (approx. 1.2 ms)
Release (reset) time (See note 3.)
3 ms max. (approx. 1.3 ms)
3 ms max. (approx. 1.2 ms)
Minimum set/reset pulse time
---
10 ms
Insulation resistance (See note 4.)
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
Between coil and
contacts
750 VAC, 50/60 Hz for 1 min
Between contacts of
different poles
750 VAC, 50/60 Hz for 1 min
Between contacts of the
same pole
750 VAC, 50/60 Hz for 1 min
Between ground and
coil/contacts
500 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction
10 to 55 Hz, 5-mm double amplitude and 55 to 500 to 55 Hz, 300 m/s2
Malfunction
10 to 55 Hz, 3.3-mm double amplitude and 55 to 500 to 55 Hz, 200 m/s2
Shock resistance
Destruction
1,000 m/s2
Malfunction
750 m/s2
Endurance
Mechanical
50,000,000 operations min. (at a switching frequency of 36,000 operations/hour)
Electrical
100,000 operations min. (at a switching frequency of 1,800 operations/hour)
Ambient operating temperature
Operating:
−40°Cto70°C (with no icing or condensation)
Ambient operating humidity
Operating: 5% to 85%
Weight
Approx. 0.95 g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com