Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF5M3205SCV Datasheet(PDF) 7 Page - International Rectifier

Part # IRF5M3205SCV
Description  HEXFET짰 POWER MOSFET THRU-HOLE (TO-254AA)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5M3205SCV Datasheet(HTML) 7 Page - International Rectifier

  IRF5M3205SCV Datasheet HTML 1Page - International Rectifier IRF5M3205SCV Datasheet HTML 2Page - International Rectifier IRF5M3205SCV Datasheet HTML 3Page - International Rectifier IRF5M3205SCV Datasheet HTML 4Page - International Rectifier IRF5M3205SCV Datasheet HTML 5Page - International Rectifier IRF5M3205SCV Datasheet HTML 6Page - International Rectifier IRF5M3205SCV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRF5M3205
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 08/01
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
ƒ ISD ≤ 35A, di/dt ≤ 230 A/µs,
VDD ≤ 55V, TJ ≤ 150°C
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
‚ VDD = 25 V, Starting TJ = 25°C, L= 0.8 mH
Peak IAS = 35A, VGS =10V, RG= 25Ω
Footnotes:
Case Outline and Dimensions — TO-254AA
CAUTION
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
22.73 [.895]
21.21 [.835]
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
BA
3X
4.06 [.160]
3.56 [.140]
B
R 1.52 [.060]
123
4.82 [.190]
3.81 [.150]
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
BERYLLIA WARNING PER MIL-PRF-19500
Packages containing beryllia shall not be ground, sandblasted, machined, or have other operations performed on them
which will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids
that will produce fumes containing beryllium.
3.78 ( .149 )
3.53 ( .139 )
-A -
1 3 .84 ( .545 )
1 3 .59 ( .535 )
6.60 ( .260 )
6.32 ( .249 )
20 .32 ( .800 )
20 .07 ( .790 )
13 .84 ( .545 )
13 .59 ( .535 )
-C -
1.14 ( .045 )
0.89 ( .035 )
3.81 ( .150 )
1 .27 ( .050 )
1 .02 ( .040 )
-B -
.12 ( .005 )
3X
2X
3.81 ( .150 )
1
2
3
17 .40 ( .685 )
16 .89 ( .665 )
31.40 ( 1.235 )
30.39 ( 1.199 )
.50 ( .020 )
M
C
A M
B
.25 ( .010 )
M
C
LE G E N D
1 - C O L L
2 - E M IT
3 - G A T E
IRHM57163SED
IRHM57163SEU
LEGEND
1- DRAIN
2- SOURCE
3- GATE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com