Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6716MPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6716MPBF
Description  RoHs Compliant and Halogen Free
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6716MPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6716MPBF Datasheet HTML 1Page - International Rectifier IRF6716MPBF Datasheet HTML 2Page - International Rectifier IRF6716MPBF Datasheet HTML 3Page - International Rectifier IRF6716MPBF Datasheet HTML 4Page - International Rectifier IRF6716MPBF Datasheet HTML 5Page - International Rectifier IRF6716MPBF Datasheet HTML 6Page - International Rectifier IRF6716MPBF Datasheet HTML 7Page - International Rectifier IRF6716MPBF Datasheet HTML 8Page - International Rectifier IRF6716MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
04/30/09
IRF6716MPbF
IRF6716MTRPbF
Fig 1. Typical On-Resistance vs. Gate Voltage
Typical values (unless otherwise specified)
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.65mH, RG = 25Ω, IAS = 32A.
Notes:
DirectFET
™ ISOMETRIC
Description
The IRF6716MPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to achieve
the lowest on-state resistance in a package that has the footprint of a SO-8 and only 0.6 mm profile. The DirectFET package is compatible
with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection soldering
techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET package allows
dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6716MPbF balances both low resistance and low charge along with ultra low package inductance to reduce both conduction and
switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power the latest generation of
processors operating at higher frequencies. The IRF6716MPbF has been optimized for parameters that are critical in synchronous buck
including Rds(on), gate charge and Cdv/dt-induced turn on immunity. The IRF6716MPbF offers particularly low Rds(on) and high Cdv/dt
immunity for synchronous FET applications.
MX
0
102030405060
QG Total Gate Charge (nC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
VDS= 20V
VDS= 13V
ID= 32A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
32
Max.
31
180
320
±20
25
39
330
VDSS
VGS
RDS(on)
RDS(on)
25V max ±20V max 1.2m
Ω@10V 2.0mΩ@ 4.5V
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
39nC
12nC
5.3nC
28nC
27nC
1.9V
2
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0
1
2
3
4
5
6
ID = 40A
TJ = 25°C
TJ = 125°C
SQ
SX
ST
MQ
MX
MT
MP
Applicable DirectFET Outline and Substrate Outline (see p.7,8 for details)

DirectFET
™ Power MOSFET ‚
l RoHs Compliant and Halogen Free

l Low Profile (<0.6 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Sync. FET socket of Sync. Buck Converter

l Low Conduction and Switching Losses
l Compatible with existing Surface Mount Techniques

l 100% Rg tested
PD - 97274C


Similar Part No. - IRF6716MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MPBF IRF-IRF6716MPBF Datasheet
637Kb / 9P
DirectFET Power MOSFET
IRF6716MPBF IRF-IRF6716MPBF Datasheet
280Kb / 9P
Dual Sided Cooling Compatible
IRF6716MPBF IRF-IRF6716MPBF_09 Datasheet
280Kb / 9P
DirectFETPower MOSFET
IRF6716MPBF IRF-IRF6716MPBF_15 Datasheet
280Kb / 9P
Dual Sided Cooling Compatible
More results

Similar Description - IRF6716MPBF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
RoHS and Halogen-Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
RoHS and Halogen Free Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com