Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC12310NIP0F Datasheet(PDF) 13 Page - Sharp Corporation

Part # PC12310NIP0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC12310NIP0F Datasheet(HTML) 13 Page - Sharp Corporation

Back Button PC12310NIP0F Datasheet HTML 8Page - Sharp Corporation PC12310NIP0F Datasheet HTML 9Page - Sharp Corporation PC12310NIP0F Datasheet HTML 10Page - Sharp Corporation PC12310NIP0F Datasheet HTML 11Page - Sharp Corporation PC12310NIP0F Datasheet HTML 12Page - Sharp Corporation PC12310NIP0F Datasheet HTML 13Page - Sharp Corporation PC12310NIP0F Datasheet HTML 14Page - Sharp Corporation PC12310NIP0F Datasheet HTML 15Page - Sharp Corporation PC12310NIP0F Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Sheet No.: D2-A02903
FEN
● Sleeve package
1. Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
■ Package specification
13
(Unit : mm)
12.0
6.7
520
±2
(Unit : mm)
2. Wide Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
520
±2
PC1231xNSZ0F Series
15.0
6.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com