Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C2402 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2402
Description  Phase-Locked Loop Clock Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2402 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2402 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2402 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2402 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2402 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI6C2402
Phase-Locked Loop Clock Driver
3
PS8418I
11/13/08
AC Specifications Timing Requirements
(Over recommended ranges of supply voltage and operating free-air temperature, CL = 25pF)
Symbol
Parameters
Test Conditions
Min.
Typ.
Max.
Units
FOUT
Clock Frequency
Commercial
25
134
MHz
Industrial
25
100
DCYI
Input clock duty cycle
40
60
%
Stabilization time after power up
1
ms
tp
Phase error without jitter(1)
CLK_IN↑ at 100 MHz and 66 MHz
-150
150
ps
tj
Jitter, cycle-to-cycle
At 100 MHz
-150
150
Duty Cycle
At ≤ 100 MHz
45
55
%
At > 100 MHz
35
65
tr
Rise-time 0.4V to 2.0V
1.0
ns
tf
Fall-time 2.0V to 0.4V
1.1
Electrical Characteristics
(Over recommended operating free-air temperature range)
Symbol
Test Conditions
Temperature
Condition
Min.
Typ.
Max.
Units
ICC
VI = GND; IO = 0(1)
Commercial
3.6V
10
μA
Industrial
3.465V
10
CI
VI = VCC or GND
3.3V
4
pF
CO
Vo = VCC or GND
3.3V
6
IOH
VOUT = 2.4V
-12
mA
VOUT = 2.0V
-18
IOL
VOUT = 0.8V
18
VOUT = 0.55V
12
Note:
1.
Continuous Output Current
Note:
1. This switching parameter is guaranteed by design.
08-0298



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com