Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ1K213M2ZP Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ1K213M2ZP
Description  Low Power-Loss Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1K213M2ZP Datasheet(HTML) 2 Page - Sharp Corporation

  PQ1K213M2ZP Datasheet HTML 1Page - Sharp Corporation PQ1K213M2ZP Datasheet HTML 2Page - Sharp Corporation PQ1K213M2ZP Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
*4 Typical value at output voltage is 3.0V type.
*5 Dropout voltage when output voltage lowers 100mV from the voltage at Vin=Vo+1V.
*6 In case of opening control terminal 3 ,output voltage turns off.
As of August 2000
(Unless otherwise specified, Vin=Vo(TYP.)+1.0V, Vc=1.8V, Io=30mA.Ta=25
°C)
D5-000501-A
2/2
Low Power-Loss Voltage Regulator
Electrical Characteristics
Unit
V
mV
mV
mV/
°C
dB
µV
V
V
µA
V
µA
µA
Parameter
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
*4
Ripple rejection
Output noise voltage
Dropout voltage
*6 ON-state voltage for control
ON-state current for control
OFF-state voltage for control
Quiescent current
Output OFF-state dissipation current
Symbol
Vo
RegL
RegI
TcVo
RR
Vno(rms)
Vi-o1
Vc(on)
Ic(on)
Vc(off)
Iq
Iqs
MAX.
160
20
-
-
-
0.7
-
30
0.4
500
1
TYP.
35
3.0
0.05
70
30
0.4
-
5
-
-
-
MIN.
-
-
-
-
-
-
1.8
-
-
-
-
Conditions
-
Io=5mA to 300mA
Vin=Vo(TYP.)+1V to
Vo(TYP.)+6V(MAX. 9V)
Io=10mA, Tj=-25 to +75
°C
-
10Hz < f < 100kHz
Io=30mA, Cn=0.1
µF
Io=300mA, *5
-
Vc=1.8V
-
Io=0mA
Vc=0.2V
Refer to the table below.
*7Output
voltage
VO
–
V
*7 : It is available for every 0.1V (1.3V to 5V).
2.040
2.440
2.940
3.234
3.332
3.430
3.822
4.166
4.900
2.1
2.5
3.0
3.3
3.4
3.5
3.9
4.2
5.0
2.160
2.560
3.060
3.366
3.468
3.570
3.978
4.284
5.100
(Vin=Vo(TYP.)+1.0V, Vc=1.8V, Io=30mA.Ta=25
∞C)
PQ1Kxx3M2ZP Series
PQ1K213M2ZP
PQ1K253M2ZP
PQ1K303M2ZP
PQ1K333M2ZP
PQ1K343M2ZP
PQ1K353M2ZP
PQ1K393M2ZP
PQ1K423M2ZP
PQ1K503M2ZP
Output Voltage Line-up
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com