Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ15RW21 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ15RW21
Description  Low Power-Loss Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RW21 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ15RW21 Datasheet HTML 1Page - Sharp Corporation PQ15RW21 Datasheet HTML 2Page - Sharp Corporation PQ15RW21 Datasheet HTML 3Page - Sharp Corporation PQ15RW21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Power-Loss Voltage Regulators
PQ15RW08/PQ15RW11/PQ15RW21
s Electrical Characteristics
Fig. 1 Test Circuit
Fig. 2 Test Circuit of Ripple Rejection
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
(Unless otherwise specified, conditions shall be VIN=5V, Vo=3.3V(R1=2k
Ω, R2=500Ω), Io=0.5A)(Ta=25˚C)
Input voltage
Output voltage
Load regulation
Line regulation
Ripple rejection
Temperature coefficient of reference voltage
Dropout voltage
Reference voltage
Quiescent current
VIN
Vo
RegL
RegI
RR
TcVref
Vi-o
Vref
Iq
❇4
Tj=0 to 125˚C
VIN=5 to 15V, Io=5mA
Io=0A
VIN=3.5V, ❇5
––
––
Refer to Fig. 2
––
3.5
3.0
45
2.574
––
––
––
––
––
––
––
––
––
––
––
0.3
0.5
55
2.64
±0.01
20
15
2.0
2.5
2.706
0.5
8
V
V
%
%
dB
%/˚C
V
V
mA
❇4 PQ15RW08: Io=5mA to 0.8A, PQ15RW11: Io=5mA to 1A, PQ15RW21: Io=5mA to 2A
❇5 PQ15RW08/PQ15RW11: Io=0.5A, PQ15RW21: Io=2A
V
47
µF
VIN
ei
eo
2k
Ω
IO
RL
0.33
µF
+
R2
R1
+
f
=120Hz(sine wave)
ei(rms)
=0.5V
IO=0.5A
RR=20 log(ei(rms)/eo(rms))
VIN=5V
VO=3.3V(R1=2k
Ω)
1
4
3
2
V
A
VIN
Iq 2k
Ω
IO
VO
RL
47
µF
0.33
µF
+
R2
R1
VO=Vref x 1+ –––––
R2
R1
[R1=2k
Ω,Vref Nearly=2.64V]
1
4
3
A
V
Vref
2
Fig. 3 Power Dissipation vs. Ambient
Temperature (PQ15RW08)
Fig. 4 Power Dissipation vs. Ambient
Temperature(PQ15RW11/21)
;;;
;;;
;;;
;;;
20
0
5
10
15
–20
0
20406080
PD2
PD1
Ambient temperature Ta (˚C)
PD1 :No heat sink
PD2 :With infinite heat sink
0
–20
0
PD1
PD2
PD1 :No heat sink
PD2 :With infinite heat sink
50
80 100
150
5
10
15
20
Ambient temperature Ta (˚C)
Note) Oblique line portion : Overheat protection may operate in this area.
Note) Oblique line portion : Overheat protection may operate in this area.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com