Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCD682C2KVY5PC2LSTR25LSF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NCD682C2KVY5PC2LSTR25LSF
Description  Ceramic Disc Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCD682C2KVY5PC2LSTR25LSF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NCD682C2KVY5PC2LSTR25LSF Datasheet HTML 1Page - NIC-Components Corp. NCD682C2KVY5PC2LSTR25LSF Datasheet HTML 2Page - NIC-Components Corp. NCD682C2KVY5PC2LSTR25LSF Datasheet HTML 3Page - NIC-Components Corp. NCD682C2KVY5PC2LSTR25LSF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
Taping Specifications
DIMENSIONS (mm)
Symbol
D max.
d
P
P
0
P
1
P
2
SH
H
0
H
1
D
φ
WL
t
Δh
Value
< 12
0.6
12.7
12.7
5.1
6.35
2.5
20.0
Applies to Parts
with
Crimped Leads
16.0
32.25
max.
4.0
18.0
11.0
max.
0.6
0.0
3.85
5.0
3.18
6.35
>12 ~ 23
0.6
or
0.8*
25.4
8.95
12.7
7.5
H max.
+
D max.
7.7
9.5
Tolerance
< 12
+0.06
-0.05
±1.0
±0.2
±0.7
±1.0
+0.8
-0.2
+1.5
-1.0
±0.5
---
±0.2
±0.5
---
±0.3
±2.0
>12 ~ 23
±1.5
±1.3
*Lead diameter dependent on capacitor diameter. Contact NIC for details
Straight Leads
<12mm diameter
(a slight lead flare may be present)
D
d
H
H
1
L
W
P
0
P
P
2
P
1
S
D
Crimped Leads
<12mm diameter
Inward (J) & Outward (K) are available
D
φ
d
H
0
H
1
L
W
P
0
P
P
2
P
1
S
D
H
Crimped Leads
>12 ~ 23mm diameter
Inward (J) & Outward (K) are available
D
φ
d
H
0
H
1
L
W
P
0
P
P
2
P
1
S
D
H
Straight Leads
>12 ~ 23mm diameter
(a slight lead flare may be present)
D
d
H
H
1
L
W
P
0
P
P
2
P
1
S
D
Δh
t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com