Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCD682D2KVY5PC2LSTR25LSF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCD682D2KVY5PC2LSTR25LSF
Description  Ceramic Disc Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCD682D2KVY5PC2LSTR25LSF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCD682D2KVY5PC2LSTR25LSF Datasheet HTML 1Page - NIC-Components Corp. NCD682D2KVY5PC2LSTR25LSF Datasheet HTML 2Page - NIC-Components Corp. NCD682D2KVY5PC2LSTR25LSF Datasheet HTML 3Page - NIC-Components Corp. NCD682D2KVY5PC2LSTR25LSF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
STANDARD PRODUCTS AND MAXIMUM DIAMETER (mm) BY T.C. AND VOLTAGE
NCD Series High Voltage
Cap.
(pF)
NPO
SL
Y5P
Z5U
Z5V
Working Voltage (Vdc)
2K
3K
5K
2K
3K
5K
2K
3K
5K
2K
3K
5K
2K
3K
5K
1.0 ~1.5
789788
18 ~ 27
89
12
788
33
910
127
8
9
39
910
147
8
9
47
10
12
14
7
8
9
68
12
12
16
8
9
10
82
14
14
18
8
10
12
100
14
16
18
9
10
12
7
8
8
120
16
16
22
9
12
12
7
8
8
150
16
18
22
10
12
14
7
8
8
8
8
180
18
20
10
14
16
7
8
8
8
8
220
18
22
12
14
16
7
8
8
8
8
270
20
22
14
16
18
7
8
8
8
8
330
22
14
18
20
7
8
9
8
8
470
16
18
22
7
8
10
8
8
680
18
22
7
9
12
8
9
820
20
8
10
14
8
9
1000
22
912
147
8127
8
9
1500
10
12
16
8
9
16
7
8
10
2200
12
14
20
9
10
16
8
9
12
3300
14
16
24
12
12
18
9
10
14
4700
16
18
26
12
16
18
10
12
16
5600
18
20
14
16
20
12
12
16
6800
20
22
14
18
22
12
14
18
8200
22
16
18
24
14
14
18
10,000
16
20
14
16
20
12,000
18
22
16
18
22
15,000
20
16
18
24
18,000
22
18
20
22,000
18
22
33,000
22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com