Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSW Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCSW
Description  Surface Mount Current Sensing Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSW Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCSW Datasheet HTML 1Page - NIC-Components Corp. NCSW Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
22
23
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Current Sensing Resistors
NCSW Series
CHARACTERISTICS
FEATURES
• ULTRA LOW RESISTANCE VALUES
• PRECISION TOLERANCE AND TEMPERATURE STABILITY
• THIN FILM CONSTRUCTION
• IDEAL FOR CURRENT SENSING APPLICATIONS
• AVAILABLE IN 1 WATT ~ 2 WATT POWER RATINGS
Series
W
L
T
P
NCSW100
3.75 ± 0.30
2.00 ± 0.20
0.55 max.
0.40 ± 0.20
NCSW200
7.50 ± 0.30
2.00 ± 0.20
0.55 max.
0.40 ± 0.20
DIMENSIONS (mm)
NCSW 100 F R010 S TR F
Series
Power Rating Code: 100 = 1W, 200 = 2W
Tolerance Code: F (1%), G (2%), J (5%)
Resistance Value Code
"R" denotes decimal point, value in ohms
Temperature Coefficient Code (see characteristics table)
Tape and Reel Packaging
RoHS compliant
PART NUMBER SYSTEM
CONSTRUCTION
��������������
����������
��������������������
�������������������������
����������������������������
��������������
*Note: Lead Free terminations standard
Power Derating Curve: For operation above 70°C, power
rating must be derated according to the following chart:
L
W
T
P
R010
Type
size
Power Rating
at 70°C
Resistance
Tolerance
(Code)
Temperature
Coefficient
(ppm/°C)
Resistance
Range
(
Ω)
Resistance
Value
Operating
Temperature
Range (°C)
NCSW100 0815
1W
1% (F), 2% (G)
±50 (Q), ±100 (R)
0.1 ~ 1.0
E-6
-55°C ~ +125°C
0 ~ +200 (S)
0.01 ~ 0.068
0 ~ +350 (T)
0.002 ~ 0.009
NCSW200 0830
2W
±1% (F), 2% (G) ±50 (Q), ±100 (R)
0.1 ~ 0.47
E-6
-55°C ~ +155°C
±1% (F), 2% (G)
0 ~ +200 (S)
0.01 ~ 0.068
±5% (J)
0 ~ +350 (T)
0.001 ~ 0.009
0
100
125°C
70
100 120
90
80
70
60
50
40
30
20
10
0
60
40
20
NCSW100
Temperature °C
0
100
155°C
30
100 120
90
80
70
60
50
40
30
20
10
0
60
40
20
140 160
NCSW200
80
Temperature °C
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NCSW

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSW119AT NICHIA-NCSW119AT Datasheet
334Kb / 17P
SPECIFICATIONS FOR WHITE LED
NCSW119AT-H3 NICHIA-NCSW119AT-H3 Datasheet
309Kb / 17P
SPECIFICATIONS FOR WHITE LED
NCSW119B-V1 NICHIA-NCSW119B-V1 Datasheet
368Kb / 23P
Built-in ESD Protection Device
NCSW119BT NICHIA-NCSW119BT Datasheet
362Kb / 24P
SPECIFICATIONS FOR WHITE LED
NCSW119T NICHIA-NCSW119T Datasheet
312Kb / 17P
SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NCSW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCS2516 VISHAY-VCS2516 Datasheet
92Kb / 2P
Bulk Metal Foil Technology Surface Mount Current Sensing Chip Resistors
26-Jan-05
logo
Riedon Powertron
UP-1 RIEDON-UP-1 Datasheet
295Kb / 1P
Current Sensing Resistors
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
Current Sensing Chip Resistors
NCSR NIC-NCSR Datasheet
484Kb / 5P
Current Sensing Chip Resistors
NCSS NIC-NCSS Datasheet
92Kb / 6P
Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
Current Sensing Chip Resistors
logo
List of Unclassifed Man...
PCR-4T ETC-PCR-4T Datasheet
541Kb / 1P
PRECISION CURRENT SENSING RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com