Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFI06-R18TRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NFI06-R18TRF
Description  Ferrite Chip Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFI06-R18TRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NFI06-R18TRF Datasheet HTML 1Page - NIC-Components Corp. NFI06-R18TRF Datasheet HTML 2Page - NIC-Components Corp. NFI06-R18TRF Datasheet HTML 3Page - NIC-Components Corp. NFI06-R18TRF Datasheet HTML 4Page - NIC-Components Corp. NFI06-R18TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Size
B(mm)
A(mm)
K(mm)
E(mm)
P(mm)
t(mm)
W
NFI08*
2.35±0.10
1.50±0.10
1.45±0.10
3.5±0.05
4.0±0.10
0.22±0.05
8.0±0.10
NFI12
3.50±0.10
1.88±0.10
1.27±0.10
*Parts with 1.25mm thickness
Ferrite Chip Inductor
NFI Series
E
D
φ
A
t
R
Series
A ± 2.0 B ± 2.0 D ± 0.5 E ± 0.5 R ± 0.5
t ± 0.5
Quantity/Reel
NFI06
178
60
10.5
2.0
13.5
9.0
4,000
NFI08
4,000
NFI08*
2,000
NFI12
3,000
REEL DIMENSIONS (mm)
PRESSED PAPER CARRIER TAPE DIMENSIONS (mm)
K
4.0 ±0.1
P
A
1.5 ±0.1
t
Size
B(mm)
A(mm)
K(mm)
E(mm)
P(mm)
t(mm)
W
NFI06
1.85±0.05
1.05±0.05
0.95±0.05
3.5±0.05
4.0±0.10
0.95±0.05
8.0±0.10
NFI08
2.30±0.05
1.50±0.05
0.95±0.05
EMBOSSED PLASTIC CARRIER TAPE DIMENSIONS (mm)
K
4.0 ±0.1
P
A
1.5 ±0.1
t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com