Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFI06-R33TRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NFI06-R33TRF
Description  Ferrite Chip Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFI06-R33TRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NFI06-R33TRF Datasheet HTML 1Page - NIC-Components Corp. NFI06-R33TRF Datasheet HTML 2Page - NIC-Components Corp. NFI06-R33TRF Datasheet HTML 3Page - NIC-Components Corp. NFI06-R33TRF Datasheet HTML 4Page - NIC-Components Corp. NFI06-R33TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Ferrite Chip Inductor
NFI Series
NFI06 (1.6mm X 0.8mm)
EIA
Size
NIC
P/N
Inductance
(μH)
Q Min.
L & Q
Test Frequency
(MHz)
DC
Resistance
Max. (
Ω)
DC
Current
Max. (mA)
SRF
Min.
(MHz)
0603
NFI06_47NTRF
0.047
10
50
0.30
50
260
NFI06_68NTRF
0.068
0.30
50
250
NFI06_82NTRF
0.082
0.30
50
245
NFI06_R10TRF
0.1
15
25
0.50
50
240
NFI06_R12TRF
0.12
0.50
50
205
NFI06_R15TRF
0.15
0.60
50
180
NFI06_R18TRF
0.18
0.60
50
165
NFI06_R22TRF
0.22
0.80
50
150
NFI06_R27TRF
0.27
0.80
50
135
NFI06_R33TRF
0.33
0.85
35
125
NFI06_R39TRF
0.39
1.00
35
110
NFI06_R47TRF
0.47
1.35
35
105
NFI06_R56TRF
0.56
1.55
35
95
NFI06_R68TRF
0.68
1.70
35
80
NFI06_R82TRF
0.82
2.10
35
75
NFI06_1R0TRF
1.0
30
10
0.60
25
70
NFI06_1R2TRF
1.2
0.80
25
60
NFI06_1R5TRF
1.5
0.80
25
55
NFI06_1R8TRF
1.8
0.95
25
50
NFI06_2R2TRF
2.2
1.15
15
45
NFI06_2R7TRF
2.7
1.35
15
40
NFI06_3R3TRF
3.3
1.55
15
38
NFI06_3R9TRF
3.9
1.70
15
36
NFI06_4R7TRF
4.7
2.10
15
33
NFI06_5R6TRF
5.6
4
1.55
15
22
NFI06_6R8TRF
6.8
1.70
15
20
NFI06_8R2TRF
8.2
2.10
15
18
NFI06_100TRF
10
2
2.55
15
17



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com