Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSS25-R004TRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NCSS25-R004TRF
Description  Current Sensing Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSS25-R004TRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NCSS25-R004TRF Datasheet HTML 1Page - NIC-Components Corp. NCSS25-R004TRF Datasheet HTML 2Page - NIC-Components Corp. NCSS25-R004TRF Datasheet HTML 3Page - NIC-Components Corp. NCSS25-R004TRF Datasheet HTML 4Page - NIC-Components Corp. NCSS25-R004TRF Datasheet HTML 5Page - NIC-Components Corp. NCSS25-R004TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Case Size
A
B
C
0805
1.2
3.5
1.15
RECOMMENDED LAND PATTERN DIM. (mm)
Current Sensing Chip Resistors
NCSS Series
B
A
C
Case Size
A
B
C
1206
1m
Ω
1.0
2.3
1.8
2m
Ω ~ 30mΩ
1.6
1.7
1.8
2010
3.5
1.5
3,4
2512
1m
Ω ~ 3mΩ
1.3
3.1
4.0
4m
Ω ~ 50mΩ
4.1
2.1
4.0
RECOMMENDED LAND PATTERN DIM. (mm)
BA
C
B
Sensing
Trace
RECOMMENDED REFLOW
SOLDERING TEMPERATURE PROFILE
200
300
250
50
150
100
0
150°C ~ 180°C
120 Sec.
10 sec.
Peak Temperature 260°C
230°C, 40 sec. max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com