Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLEL Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NLEL
Description  Miniature Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NLEL Datasheet(HTML) 2 Page - NIC-Components Corp.

  NLEL Datasheet HTML 1Page - NIC-Components Corp. NLEL Datasheet HTML 2Page - NIC-Components Corp. NLEL Datasheet HTML 3Page - NIC-Components Corp. NLEL Datasheet HTML 4Page - NIC-Components Corp. NLEL Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
83
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
PART NUMBER SYSTEM
NLE-L
Size (D
∅ x L)
5x11
Series
1R0
Capacitance Code
M
Tolerance Code
50V
Rated Voltage
F
RoHS Compliant
Miniature Aluminum Electrolytic Capacitors
NLE-L Series
Part Number
Cap.
(
μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NLE-L470M10V5x11F
47
10
0.16
110
5.29
2,000
NLE-L101M10V6.3x11F
100
0.16
180
2.49
2,000
NLE-L221M10V8x11.5F
220
0.16
300
1.13
2,000
NLE-L331M10V10x12.5F
330
0.16
400
0.76
2,000
NLE-L471M10V10x16F
470
0.16
500
0.53
2,000
NLE-L102M10V12.5x20F
1000
0.16
800
0.25
4,000
NLE-L222M10V16x25F
2200
0.16
1200
0.12
4,000
NLE-L100M16V5x11F
10
16
0.13
65
19.9
2,000
NLE-L220M16V5x11F
22
0.13
95
9.05
2,000
NLE-L330M16V5x11F
33
0.13
100
6.03
2,000
NLE-L100M16V6.3x11F
47
0.13
140
4.23
2,000
NLE-L101M16V8x11.5F
100
0.13
230
1.99
2,000
NLE-L221M16V10x12.5F
220
0.13
350
0.91
2,000
NLE-L331M16V10x16F
330
0.13
450
0.61
2,000
NLE-L471M16V10x16F
470
0.13
550
0.43
2,000
NLE-L102M16V12.5x20F
1000
0.13
900
0.20
4,000
NLE-L222M16V16x25F
2200
0.13
1300
0.09
4,000
NLE-L4R7M25V5x11F
4.7
25
0.12
45
26.2
2,000
NLE-L100M25V5x11F
10
0.12
65
13.3
2,000
NLE-L220M25V5x11F
22
0.12
100
6.03
2,000
NLE-L330M25V6.3x11F
33
0.12
140
4.02
2,000
NLE-L470M25V6.3x11F
47
0.12
170
2.82
2,000
NLE-L101M25V8x11.5F
100
0.12
280
1.33
2,000
NLE-L221M25V10x16F
220
0.12
400
0.61
2,000
NLE-L331M25V10x20F
330
0.12
500
0.41
2,000
NLE-L471M25V12.5x20F
470
0.12
650
0.29
4,000
NLE-L102M25V16x25F
1000
0.12
1000
0.14
4,000
NLE-L4R7M35V5x11F
4.7
35
0.10
45
28.2
2,000
NLE-L100M35V5x11F
10
0.10
70
13.3
2,000
NLE-L220M35V6.3x11F
22
0.10
110
6.03
2,000
NLE-L330M35V6.3x11F
33
0.10
140
4.02
2,000
NLE-L470M35V8x11.5F
47
0.10
190
2.82
2,000
NLE-L101M35V10x12.5F
100
0.10
300
1.33
2,000
NLE-L221M35V10x20F
220
0.10
450
0.41
2,000
NLE-L331M35V12.5x25F
330
0.10
550
0.41
4,000
NLE-L471M35V12.5x25F
470
0.10
700
0.29
4,000
NLE-L102M35V16x25F
1000
0.10
1100
0.14
4,000
NLE-L1R0M50V5x11F
1.0
50
0.08
11
133
2,000
NLE-L2R2M50V5x11F
2.2
0.08
23
60.3
2,000
NLE-L3R3M50V5x11F
3.3
0.08
40
40.2
2,000
NLE-L4R7M50V5x11F
4.7
0.08
45
28.2
2,000
NLE-L100M50V5x11F
10
0.08
70
13.3
2,000
NLE-L220M50V6.3x11F
22
0.08
110
6.03
2,000
NLE-L330M50V8x11.5F
33
0.08
170
4.02
2,000
NLE-L470M50V8x11.5F
47
0.08
200
2.82
2,000
NLE-L101M50V10x16F
100
0.08
350
1.33
2,000
NLE-L221M50V12.5x20F
220
0.08
500
0.41
4,000
NLE-L331M50V12.5x25F
330
0.08
600
0.41
4,000
NLE-L471M50V16x25F
470
0.08
800
0.29
4,000
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D
φ x L (mm)
NLE-L470M16V6.3x11F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com