Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCD682M2KVY5PD2LSTB25LSF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCD682M2KVY5PD2LSTB25LSF
Description  Ceramic Disc Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCD682M2KVY5PD2LSTB25LSF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCD682M2KVY5PD2LSTB25LSF Datasheet HTML 1Page - NIC-Components Corp. NCD682M2KVY5PD2LSTB25LSF Datasheet HTML 2Page - NIC-Components Corp. NCD682M2KVY5PD2LSTB25LSF Datasheet HTML 3Page - NIC-Components Corp. NCD682M2KVY5PD2LSTB25LSF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Ceramic Disc Capacitors
NCD Series High Voltage
HIGH VOLTAGE TYPE
FEATURES
• 2KV, 3KV AND 5KV VOLTAGE RATINGS
• HIGH PERFORMANCE AND RELIABILITY
• ECONOMICALLY PRICED
• AVAILABLE WITH FORMED LEADS
• TAPE PACKAGING OPTION FOR AUTOMATIC INSERTION
SPECIFICATIONS
TEMPERATURE CHARACTERISTICS: See Class I and Class II Data Sheets
LEAD SPACING AND DIAMETER(mm)
Voltage Ratings 4KVDC and Higher Have Resin Body Coating.
THICKNESS 5 ~ 7MM DEPENDENT ON CV
(thinner parts available by special order)
(BULK AND TAPED STYLES)
K Style
23 min.
5 max.
1.5+0.2
S
E Style
4.7 + 1
5 max.
1.5+0.2
S
Standard
23 min.
3 max.
S
Temperature
Characteristics
NPO
SL
N3300
Y5P
Z5U
Z5V
Operating
Temperature Range
-30°C ~ +85°C
+10°C ~ +85°C
Capacitance Change Over
Temperature Range
0±30ppm
N330 ±
500ppm
-13% ~
+12%
±10%
+22% ~ -56%
+22% ~ -82%
Dissipation Factor
0.1% max.
0.3% max.
2.5% max.
5% max.
Insulation Resistance
Minimum 10,000 Megohms
Dielectric Withstanding
Voltage (Test Voltage)
2.5 Times Rated Voltage For Not Less Than 1 Second, 50mA Maximum
Test Conditions
<1,000pF; 1MHz, 1.2Vrms Max.,
>1,000pF; 1KHz, 1.2Vrms Max.
1KHz,
1.0V ±0.2Vrms Max.
1KHz, 0.5V ±0.1Vrms Max.
Voltage
Rating
Lead Spacing - S
Bulk ±0.8mm
Lead Spacing - S
Tape & Reel/Tape & Box
Lead Diameter
±0.05
2KVdc
(7~10mm Dia.):6.35mm
(12~22mm Dia.):9.5mm
(7~10mm Dia.):6.35mm
(12~22mm Dia.):9.5mm*
0.6mm
3KVdc
(7~10mm Dia.):6.35mm
(12~22mm Dia.):9.5mm
(7~10mm Dia.):6.35mm
(12~22mm Dia.):9.5mm*
(7~10mm Dia.):0.6mm
(12~22mm Dia.):0.8mm
5KVdc
(7~10mm Dia.):6.35mm
(12~22mm Dia.):9.5mm
(7~10mm Dia.):6.35mm
(12~22mm Dia.):9.5mm*
0.8mm
*All values are not available on tape. Consult factory for availability and leadspace options.
*See Part Number System for Details
NCD 682 M 2KV Y5P
TR
K
Optional Packaging
TR = Taped and Reel
TB = Tape and Box (Ammo)
Optional Lead Style
C = Cut Lead
E = Outward Kink (Short Leads)
K = Outward Kink (Long Leads)
Temperature Coefficient
Working Voltage DC
Tolerance Code
C = ± 0.25pF
K = ± 10%
D = ± 0.5pF
M = ± 20%
J = ± 5%
Z = + 80% / - 20%
Capacitance code, expressed in pfd,
First two digits are significant, third digit is no. of
zeros. “R” indicates decimal for under 10pfd.
Series
RoHS compliant
F
.2LS
Optional Cut Lead Space (LS) and/or
Lead Length (LL) in inches
.25LS = .25" Taped LS Option
.25LS


Similar Part No. - NCD682M2KVY5PD2LSTB25LSF

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
NCD6 CIT-NCD6 Datasheet
252Kb / 3P
CIT SWITCH
More results

Similar Description - NCD682M2KVY5PD2LSTB25LSF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
Disc Ceramic Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
Ceramic Disc Capacitors
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com