Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSR250-R006DTRGF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NCSR250-R006DTRGF
Description  Current Sensing Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSR250-R006DTRGF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NCSR250-R006DTRGF Datasheet HTML 1Page - NIC-Components Corp. NCSR250-R006DTRGF Datasheet HTML 2Page - NIC-Components Corp. NCSR250-R006DTRGF Datasheet HTML 3Page - NIC-Components Corp. NCSR250-R006DTRGF Datasheet HTML 4Page - NIC-Components Corp. NCSR250-R006DTRGF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Current Sensing Chip Resistors
NCSR Series
Part Number
Resistance
Value (mΩ)
Available
Tolerance
Available
TCR
Length
(L)
Width
(W)
Thickness
(T)
TerminatIon
Width (P)
Case
Type
NCSR200*M50DTRF
0.50
±1% (F)
±3% (H)
±5% (J)
±50ppm (D)
6.35 ±0.254
3.18 ±0.254
1.25 ± 0.20
1.30 ± 0.38
1
NCSR200*M75DTRF
0.75
0.75 ± 0.20
NCSR200*R001DTRF
1.0
0.65 ± 0.20
NCSR200*1M50DTRF
1.5
0.45 ± 0.20
NCSR200*R002DTRF
2.0
0.35 ± 0.20
NCSR200*6M50DTRGF
6.5
6.35 ± 0.25
3.00 ± 0.20
0.60 ± 0.20
1.43 ± 0.25
2
NCSR200*R007DTRGF
7.0
NCSR200*R008DTRGF
8.0
1.18 ± 0.25
NCSR200*R009DTRGF
9.0
NCSR200*R010DTRGF
10
NCSR200 (2 WATT, 2512 CASE SIZE) AVAILABLE VALUES
Part Number
Resistance
Value (mΩ)
Available
Tolerance
Available
TCR
Length
(L)
Width
(W)
Thickness
(T)
TerminatIon
Width (P)
Case
Type
NCSR250*R004DTRGF
4.0
±1% (F)
±3% (H)
±5% (J)
±50ppm (D)
6.35 ±0.25
3.00 ±0.20
0.60 ±0.20
2.18 ±0.25
2
NCSR250*4M50DTRGF
4.5
NCSR250*R005DTRGF
5.0
1.93 ±0.25
NCSR250*R006DTRGF
6.0
NCSR250 (2.5 WATT, 2512 CASE SIZE) AVAILABLE VALUES
* Insert appropriate tolerance code
* Insert appropriate tolerance code
Part Number
Resistance
Value (mΩ)
Available
Tolerance
Available
TCR
Length
(L)
Width
(W)
Thickness
(T)
TerminatIon
Width (P)
Case
Type
NCSR150*M50FTRT3F
0.50
±1% (F)
±3% (H)
±5% (J)
±200ppm (F)
5.08 ±0.25
2.54 ±0.15
0.6 ±0.20
2.17 ± 0.25
3
NCSR150*M75KTRT3F
0.75
±150ppm (K)
2.04 ± 0.25
NCSR150*R001DTRT3F
1.0
±50ppm (D)
1.84 ± 0.25
NCSR150*R002DTRT3F
2.0
1.54 ± 0.25
NCSR150*R003DTRT3F
3.0
1.04 ± 0.25
NCSR150*R004DTRT3F
4.0
1.84 ± 0.25
NCSR150*R005DTRT3F
5.0
1.84 ± 0.25
NCSR150*R006DTRT3F
6.0
1.54 ± 0.25
NCSR150*R007DTRT3F
7.0
1.54 ± 0.25
NCSR150*R008DTRT3F
8.0
1.54 ± 0.25
NCSR150*R009DTRT3F
9.0
1.29 ± 0.25
NCSR150*R010DTRT3F
10
1.29 ± 0.25
NCSR150 (1.5 WATT, 2010 CASE SIZE) AVAILABLE VALUES
* Insert appropriate tolerance code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com