Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCSR300-R002DTRGF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NCSR300-R002DTRGF
Description  Current Sensing Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCSR300-R002DTRGF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NCSR300-R002DTRGF Datasheet HTML 1Page - NIC-Components Corp. NCSR300-R002DTRGF Datasheet HTML 2Page - NIC-Components Corp. NCSR300-R002DTRGF Datasheet HTML 3Page - NIC-Components Corp. NCSR300-R002DTRGF Datasheet HTML 4Page - NIC-Components Corp. NCSR300-R002DTRGF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Resistance
Value (mΩ)
Available
Tolerance
Available
TCR
Length
(L)
Width
(W)
Thickness
(T)
TerminatIon
Width (P)
Case
Type
NCSR300*M50ETRGF
0.50
±1% (F)
±3% (H)
±5% (J)
±100ppm (E)
6.35 ±0.25
3.00 ±0.20
0.60 ±0.20
2.68 ±0.25
2
NCSR300*M75ETRGF
0.75
2.48 ±0.25
NCSR300*R001DTRGF
1.0
±50ppm (D)
1.93 ±0.25
NCSR300*1M50DTRGF
1.5
1.43 ±0.25
NCSR300*R002DTRGF
2.0
1.18 ± 0.25
NCSR300*2M50DTRGF
2.5
NCSR300*R003DTRGF
3.0
NCSR300 (3 WATT, 2512 CASE SIZE) AVAILABLE VALUES
* Insert appropriate tolerance code
R007
L
W
T
P
TYPE 1
R007
L
W
T
P
TYPE 2
(Green Top Coating & Value Marking)
L
W
T
P
TYPE 3
(Without Green Top Coating & No Marking)
Current Sensing Chip Resistors
NCSR Series
PART NUMBER SYSTEM
NCSR 100 S F R002 D TR T3 F
RoHS compliant
Case Type (Blank = Case 1, G = Case 2, T3 = Case 3)
Packaging: TR = Tape & Reel
TCR Code: D=50ppm, W=75ppm
E=100ppm, K=150ppm
Resistance Code: See Values Tables
Tolerance Code: J=5%, H=3%, F=1%
Case Code (S = Reduced Size, Blank = Standard)
Power Rating (100 = 1W, 150 = 1.5W, 200 = 2W,
250 = 2.5W and 300 = 3W)
Series
RECOMMENDED REFLOW
SOLDERING TEMPERATURE PROFILE
200
300
250
50
150
100
0
120 Sec.
10 Sec.
1 ~ 9°C/Sec.
1 ~ 5°C/Sec.
1 ~ 5°C/Sec.
Peak Temperature 260°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com