Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFI12-R10TRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NFI12-R10TRF
Description  Ferrite Chip Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFI12-R10TRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NFI12-R10TRF Datasheet HTML 1Page - NIC-Components Corp. NFI12-R10TRF Datasheet HTML 2Page - NIC-Components Corp. NFI12-R10TRF Datasheet HTML 3Page - NIC-Components Corp. NFI12-R10TRF Datasheet HTML 4Page - NIC-Components Corp. NFI12-R10TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NFI12 (3.2mm X 1.6mm)
EIA
Size
NIC
P/N
Inductance
(μH)
Q Min.
L & Q
Test Frequency
(MHz)
DC
Resistance
Max. (
Ω)
DC
Current
Max. (mA)
SRF
Min.
(MHz)
1206
NFI12_47NTRF
0.047
20
50
0.15
300
320
NFI12_68NTRF
0.068
0.25
300
280
NFI12_R10TRF
0.10
25.2
0.25
250
235
NFI12_R12TRF
0.12
0.30
250
220
NFI12_R15TRF
0.15
0.30
250
200
NFI12_R18TRF
0.18
0.40
250
185
NFI12_R22TRF
0.22
0.40
250
170
NFI12_R27TRF
0.27
0.50
250
150
NFI12_R33TRF
0.33
0.50
250
145
NFI12_R39TRF
0.39
25
0.60
250
135
NFI12_R47TRF
0.47
0.60
200
125
NFI12_R56TRF
0.56
0.70
200
115
NFI12_R68TRF
0.68
0.80
150
105
NFI12_R82TRF
0.82
0.90
150
100
NFI12_1R0TRF
1.0
45
10
0.40
100
75
NFI12_1R2TRF
1.2
0.50
100
65
NFI12_1R5TRF
1.5
0.50
50
60
NFI12_1R8TRF
1.8
0.50
50
55
NFI12_2R2TRF
2.2
0.60
50
50
NFI12_2R7TRF
2.7
0.60
50
45
NFI12_3R3TRF
3.3
0.70
50
41
NFI12_3R9TRF
3.9
0.80
50
38
NFI12_4R7TRF
4.7
0.90
50
35
NFI12_5R6TRF
5.6
50
4
0.70
25
32
NFI12_6R8TRF
6.8
0.80
25
29
NFI12_8R2TRF
8.2
0.90
25
26
NFI12_100TRF
10
2
1.00
25
24
NFI12_120TRF
12
1.05
15
22
NFI12_150TRF
15
35
1
0.70
5
19
NFI12_180TRF
18
0.70
5
18
NFI12_220TRF
22
0.90
5
16
NFI12_270TRF
27
0.90
5
14
NFI12_330TRF
33
0.4
1.05
5
13
Ferrite Chip Inductor
NFI Series



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com