Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFCC06202ABTPF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NFCC06202ABTPF
Description  Surface Mount Fuse
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFCC06202ABTPF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NFCC06202ABTPF Datasheet HTML 1Page - NIC-Components Corp. NFCC06202ABTPF Datasheet HTML 2Page - NIC-Components Corp. NFCC06202ABTPF Datasheet HTML 3Page - NIC-Components Corp. NFCC06202ABTPF Datasheet HTML 4Page - NIC-Components Corp. NFCC06202ABTPF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Fuse
NFCC & NFHC Series
FEATURES
• RECTANGULAR PACKAGE WITH METAL STRIP FUSE ELEMENT
• EIA SIZES 0402, 0603, 0805 AND 1206
• CURRENT RATINGS FROM 0.2 ~ 5.0 AMPS
• SAFETY STANDARD APPROVAL (UL and c-UL File Number E302168)
• Pb-FREE COMPATIBLE WITH FLOW AND REFLOW SOLDERING
Type
Case Size Rated Current
(Amps)
Rated Voltage
(Vdc)
Temperature
Range
Case Dimensions
LW
H
P
1
P
2
NFCC04
0402
0.2 ~ 1.25
24
-55°C ~ +125°C
1.0 ± 0.05
0.5 ± 0.05
0.4 ± 0.10
0.2 ± 0.10
0.25 ± 0.10
NFHC04
1.6 ~ 3.15
NFCC06
0603
0.15 ~ 2.5
32
1.6 ± 0.10 0.8 +0.15/-0.05
0.45 ± 0.10
0.3 ± 0.15
0.3 ± 0.10
NFHC06
3.15 ~ 4.0
NFCC08
0805
0.4 ~ 2.5
50
2.0 ± 0.10
1.25 ± 0.10
0.6 ± 0.10
0.4 ± 0.20
0.4 ± 0.20
NFHC08
3.15 ~ 5.0
NFCC12
1206
0.2 ~ 2.5
50
3.2 ± 0.20
1.6 ± 0.15
0.6 ± 0.10
0.5 ± 0.25
0.5 ± 0.25
NFHC12
3.15 ~ 5.0
32
0.65 ± 0.10
Top, side and bottom
base termination (Ag)
Termination finish
(100% Sn over Ni barrier)
Fuse element
(metal film)
Glass Overcoat
Al203(96%)
Substrate
Glaze Layer
(Glass)
L
P
1
P
2
H
W
NFCC 08 202 AD TP F
RoHS Compliant
Tape & Reel: PA = Paper (2mm pitch)
TP = Paper (4mm pitch)
Clearing Time Code:
AD = Within 5 sec. under 250% of rated current
AB = Within 5 sec. under 200% of rated current
Current Rating Code: See ratings table
Case Size Code: See specifications table
Series
PART NUMBERING SYSTEM
SPECIFICATIONS
631
631
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NFCC06202ABTPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NFCC06202ABTPF NIC-NFCC06202ABTPF Datasheet
96Kb / 5P
Surface Mount Fuse
More results

Similar Description - NFCC06202ABTPF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0242.050HAT1 LITTELFUSE-0242.050HAT1 Datasheet
488Kb / 1P
BARRIER FUSE SURFACE MOUNT
logo
Schurter Inc.
0001.2704.11 SCHURTER-0001.2704.11 Datasheet
458Kb / 3P
Surface Mount Fuse
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
Surface Mount Fuse
logo
NIC-Components Corp.
NFSC NIC-NFSC Datasheet
95Kb / 3P
Surface Mount Fuse
NFVC NIC-NFVC Datasheet
102Kb / 4P
Surface Mount Fuse
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
Surface Mount Fuse
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
Surface Mount Fuse
logo
NIC-Components Corp.
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
Surface Mount Fuse
NFVC-S NIC-NFVC-S Datasheet
225Kb / 4P
Surface Mount Fuse
logo
Schurter Inc.
FUSEKITUMT-H SCHURTER-FUSEKITUMT-H Datasheet
165Kb / 2P
Fuse Kit Surface Mount Fuse UMT-H
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com