Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NIN-HDR10_TRF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NIN-HDR10_TRF
Description  Wirewound Chip Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HDR10_TRF Datasheet(HTML) 8 Page - NIC-Components Corp.

  NIN-HDR10_TRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HDR10_TRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HDR10_TRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HDR10_TRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HDR10_TRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HDR10_TRF Datasheet HTML 6Page - NIC-Components Corp. NIN-HDR10_TRF Datasheet HTML 7Page - NIC-Components Corp. NIN-HDR10_TRF Datasheet HTML 8Page - NIC-Components Corp. NIN-HDR10_TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
21
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NIC
P/N
INDUCTANCE
VALUE (
μH)
INDUCTANCE
TOLERANCE
FREQUENCY
L/Q(MHz)
Q FACTOR
SRF
(MHz)
Minimum
Rated DC
Resistance
(ohms)
Rated DC
Current (mA)
NIN-HB1R0_TRF
1
G, J, K
7.9/50
60@50MHz
250
1.2
480
NIN-HB1R2_TRF
1.2
G, J, K
7.9/50
60@50MHz
230
1.2
480
NIN-HB1R5_TRF
1.5
G, J, K
7.9/50
60@50MHz
210
1.6
430
NIN-HB1R8_TRF
1.8
G, J, K
7.9/50
55@50MHz
150
2
380
NIN-HB2R2_TRF
2.2
G, J, K
7.9/50
55@50MHz
150
2.2
340
NIN-HB2R7_TRF
2.7
G, J, K
7.9/50
55@50MHz
150
3.2
300
NIN-HB3R3_TRF
3.3
G, J, K
7.9/50
55@50MHz
130
3.8
270
NIN-HB3R9_TRF
3.9
G, J, K
7.9/50
55@50MHz
120
5
240
NIN-HB4R7_TRF
4.7
G, J, K
7.9/50
55@50MHz
90
5.4
230
NIN-HB5R6_TRF
5.6
G, J, K
7.9/50
45@50MHz
90
5.7
220
NIN-HB6R8_TRF
6.8
G, J, K
7.9/50
30@50MHz
80
6.6
210
NIN-HB8R2_TRF
8.2
G, J, K
7.9/50
20@50MHz
70
7
200
NIN-HB100_TRF
10
G, J, K
7.9/50
15@50MHz
60
7.7
190
NIN-HB120_TRF
12
G, J, K
2.5/10
30@10MHz
50
8.7
180
NIN-HB150_TRF
15
G, J, K
2.5/10
30@10MHz
30
9.6
170
NIN-HB180_TRF
18
G, J, K
2.5/10
25@10MHz
30
10.5
160
NIN-HB220_TRF
22
G, J, K
2.5/10
25@10MHz
20
11.5
155
NIN-HB270_TRF
27
G, J, K
2.5/10
25@10MHz
20
12.5
150
NIN-HB330_TRF
33
G, J, K
2.5/10
10@10MHz
10
13.5
145
NIN-HB SERIES
D-SIZE (1812)
STANDARD VALUES
Wirewound Chip Inductors
NIN-H Series
NIN-H J 6N8 J TR F
Pb-free/RoHS compliant
Taped & Reeled
Tolerance Code
(S ±0.3nH, G ±2%, J ±5%, K ±10%, M ±20%)
Inductance Value in Nanohenries
(see standard values table for correct
value code)
Case Code (K=0402, J = 0603, D = 0805, C = 1008)
Series
PART NUMBER SYSTEM
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com