Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-M600 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M600
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M600 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M600 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M600 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
The SO-5 JEDEC registered (MO-155) package outline
does not require “through holes” in a PCB. This package
occupies approximately one fourth the footprint area of
the standard dual-in-line package. The lead profile is de-
signed to be compatible with standard surface mount
processes.
The HCPL-M600/01/11 optically coupled gates combine
a GaAsP light emitting diode and an integrated high
gain photon detector. The output of the detector I.C.
is an Open-collector Schottky-clamped transistor. The
internal shield provides a guaranteed common mode
transient immunity specification of 5,000 V/μs for the
HCPL-M601, and 10,000 V/μs for the HCPL-M611.
This unique design provides maximum ac and dc circuit
isolation while achieving TTL compatibility. The opto-
coupler ac and dc operational parameters are guaran-
teed from -40°C to 85°C allowing trouble free system
performance.
The HCPL-M600/01/11 are suitable for high speed logic
interfacing, input/output buffering, as line receivers in
environments that conventional line receivers cannot
tolerate, and are recommended for use in extremely
high ground or induced noise environments.
Ordering Information
HCPL-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577.
Part
number
Option
Package
Surface
Mount
Gull
Wing
Tape&
Reel
UL 5000 Vrms/
1 Minute rating
IEC/EN/DIN EN
60747-5-2
Quantity
RoHS
Compliant
Non RoHS
Compliant
HCPL-M600
-000E
No option
SO-5
X
100 per tube
-500E
#500
X
X
1500 per reel
HCPL-M601
HCPL-M611
-000E
No option
SO-5
X
100 per tube
-500E
#500
X
X
1500 per reel
-560E
-
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the op-
tion column to form an order entry. Combination of Option 020 and Option 060 is not available.
Example 1:
HCPL-M600-500E to order product of Surface Mount SO-5 package in Tape and Reel packaging with RoHS
compliant.
Example 2:
HCPL-M601 to order product of Surface Mount SO-5 package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks:
The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and RoHS compliant option will use ‘-XXXE‘.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com