Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLCP-J100 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLCP-J100
Description  10-Element Bar Graph Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLCP-J100 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLCP-J100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLCP-J100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLCP-J100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLCP-J100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLCP-J100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLCP-J100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLCP-J100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Internal Circuit Diagram
Absolute Maximum Ratings [1]
Parameter
Red
HDSP-4820
AlGaAs Red
HLCP-J100
HER
HDSP-4830
Yellow
HDSP-4840
Green
HDSP-4850
Average PowerDissipation per LED
(TA = 25°C)
63 mW
37 mW
87 mW
50 mW
105 mW
Peak Forward Current per LED
150 mA[2]
45 mA[3]
90 mA[4]
60 mA[4]
90 mA[4]
DC Forward Current per LED
30 mA[5]
15 mA[5]
30 mA[6]
20 mA[6]
30 mA[6]
Operating Temperature Range
-40°C to +85°C
-20°C to +100°C
-40°C to +85°C
-20°C to +85°C
Storage Temperature Range
-40°C to +85°C
-55°C to +100°C
-40°C to +85°C
Reverse Voltage per LED
3.0 V
5.0 V
3.0 V
Lead Solder Dipping Temperature
(1.59 mm (1/16 inch)
below seating plane) [7]
260°C for 5 seconds [8]
Wave Soldering Temperature
(at 2 mm distance from the body)
250°C for 3 seconds
Notes:
1. Absolute maximum ratings for HER, Yellow, and Green elements of the multicolor arrays are identical to the HDSP-4830/4840/4850 maximum
ratings.
2. See Figure 1 to establish pulsed operating conditions. Maximum pulse width is 1.5 ms.
3. See Figure 2 to establish pulsed operating conditions. Maximum pulse width is 1.5 ms.
4. See Figure 8 to establish pulsed operating conditions. Maximum pulse width is 2 ms.
5. Derate maximum DC current for Red above TA = 62°C at 0.79 mA/°C, and AlGaAs Red above TA = 91°C at 0.8 mA/°C. See Figure 3.
6. Derate maximum DC current for HER above TA = 48°C at 0.58 mA/ °C, Yellow above TA = 70°C at 0.66 mA/°C, and Green above TA = 37°C at 0.48
mA/°C. See Figure 9.
7. Clean only in water, isopropanol, ethanol, Freon TF or TE (or equivalent), or Genesolve DI-15 (or equivalent).
8. Maximum tolerable component side temperature is 134°C during solder process.
120
a
10
11
j
219
318
417
516
615
714
813
912
b
c
d
e
f
g
h
i
Pin
Function
Pin
Function
1
Anode a
11
Cathode j
2
Anode b
12
Cathode I
3
Anode c
13
Cathode h
4
Anode d
14
Cathode g
5
Anode e
15
Cathode f
6
Anode f
16
Cathode e
7
Anode g
17
Cathode d
8
Anode h
18
Cathode c
9
Anode i
19
Cathode b
10
Anode j
20
Cathode a



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com