Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU-38-PD Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # EU-38-PD
Description  Laser Diode Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

EU-38-PD Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  EU-38-PD Datasheet HTML 1Page - Roithner LaserTechnik GmbH EU-38-PD Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11.08.2010
eu_38_pd.doc
1 of 2
EU-38-PD
TECHNICAL DATA
Laser Diode Driver
Features
• supported laser diodes : n-type, m-tpye, p-type
• adjustable monitor current
• adjustable laser diode current
laser diode output power independent from supply voltage
Specification
• dimension: 35 x 15 mm² (+/- 0.5 mm)
• supply voltage: 4.0 - 5.0 VDC
max laser diode current: 1 A
P1: trim pot for laser diode current adjustment
P2: trim pot for monitor current adjustment
turn left = laser diode current increase
turn right = laser diode current decrease
turn left = monitor current increase
turn right = monitor current decrease
Note: P1 and P2 are trim pots which can be turned clockwise and counterclockwise slowly to the
end points. The trim pot can be damaged, if you keep on turning it at the end points !
laser diode anode (+)
laser diode cathode (-)
photodiode anode (+)
photodiode cathode (-)
Ub (supply voltage +)
GND (supply voltage -)
P1
P2
CAUTION
for high currents
use a heat sink
transistor gets hot


Similar Part No. - EU-38-PD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
EU-38-1 ROITHNER-EU-38-1 Datasheet
63Kb / 1P
LASERDIODE DRIVER
EU-38-TTL ROITHNER-EU-38-TTL Datasheet
99Kb / 1P
Laser Diode Driver
More results

Similar Description - EU-38-PD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
LASER-DIODE DRIVER
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
Laser Diode Driver
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
Laser Diode Driver
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
Laser Diode Driver
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
Laser Diode Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com