Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EU-37 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # EU-37
Description  SMD-LASERDIODEDRIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

EU-37 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  EU-37 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
trimpotentiometer
turn clockwise for
more laserpower !
Ub +
+
-
Ub +
SMD-LASERDIODEDRIVER
EU37
Features:
• PCB size 10.5 x 18.0 mm²
• supply voltage 4.5 .. 6.0 VDC
• laserdiode current max. 200 mA, softstart
• photodiode current 120 µA .. 1.2 mA
• laser power adjustable with potentiometer, constant power control
LASERDIODE PINNING:
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 WIEN, FLEISCHMANNGASSE 9
TEL: +43 -1- 586 52 43 FAX: +43 -1- 586 41 43
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
optional with laserdiode and optic
1) laserdiode cathode
2) laserdiode anode und
photodiode cathode
3) photodiode anode
GND -
optional with laserdiode
optic:
∅ 10 x 18 mm
standard use: closed jumper
optional: resistor or potentiometer
for external poweradjustment or
max. power setting


Similar Part No. - EU-37

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EU-3104 ADLINK-EU-3104 Datasheet
249Kb / 2P
EtherCAT Slave System
EU-3304 ADLINK-EU-3304 Datasheet
249Kb / 2P
EtherCAT Slave System
logo
Roithner LaserTechnik G...
EU-38 ROITHNER-EU-38 Datasheet
49Kb / 1P
LASERDIODEDRIVER
EU-38-1 ROITHNER-EU-38-1 Datasheet
63Kb / 1P
LASERDIODE DRIVER
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
More results

Similar Description - EU-37

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CEPH205 SUMIDA-CEPH205 Datasheet
58Kb / 1P
SMD
logo
Roithner LaserTechnik G...
EU-38 ROITHNER-EU-38 Datasheet
49Kb / 1P
LASERDIODEDRIVER
EU-42 ROITHNER-EU-42 Datasheet
54Kb / 1P
MODULABLE LASERDIODEDRIVER
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
SHIELDED SMD SHIELDED SMD
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
SHIELDED SMD SHIELDED SMD
logo
Ningbo Foryard Optoelec...
FYLS-0603YC FORYARD-FYLS-0603YC Datasheet
152Kb / 5P
SMD
logo
Shindengen Electric Mfg...
G1VL24C SHINDENGEN-G1VL24C Datasheet
136Kb / 4P
SMD
KU10R27NS SHINDENGEN-KU10R27NS Datasheet
126Kb / 4P
SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com