Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPG12 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # DPG12
Description  easy and affordable generating of technical patterns with a laser beam
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

DPG12 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  DPG12 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIFFRACTIVE PATTERN GENERATORS
FEATURES
easy and affordable generating of technical patterns with a laser beam
TECHNICAL DATA
acrylic die,
∅ 7 x 1 mm
AVAILABLE PATTERNS
DPG11: circle
DPG12: line, full angle: 6°
DPG18: cross line, full angle: 8.8°
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 VIENNA, SCHOENBRUNNER STRASSE 7, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44
office@roithner-laser.com
www.roithner-laser.com


Similar Part No. - DPG12

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DPG12 ROITHNER-DPG12 Datasheet
39Kb / 1P
easy and affordable generating of technical patterns with a laser beam
logo
IXYS Corporation
DPG120C300QB IXYS-DPG120C300QB Datasheet
140Kb / 2P
High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
logo
Inchange Semiconductor ...
DPG120C300QB ISC-DPG120C300QB Datasheet
265Kb / 2P
Ultra fast Rectifier
More results

Similar Description - DPG12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG2406401 ETC-AG2406401 Datasheet
51Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
AA16206 ETC-AA16206 Datasheet
47Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
AA16208 ETC-AA16208 Datasheet
48Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
AA16201 ETC1-AA16201 Datasheet
56Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
logo
KODENSHI_AUK CORP.
KDS1001AF2 KODENSHI-KDS1001AF2_06 Datasheet
131Kb / 2P
Laser beam focusing
logo
Roithner LaserTechnik G...
DPG18 ROITHNER-DPG18 Datasheet
39Kb / 1P
easy and affordable generating of technical patterns with a laser beam
DPG11 ROITHNER-DPG11 Datasheet
39Kb / 1P
easy and affordable generating of technical patterns with a laser beam
logo
Tripp Lite. All Rights ...
EZAVGAAF2 TRIPPLITE-EZAVGAAF2 Datasheet
478Kb / 2P
Easy Pull Type-A Connectors - (F-F set of VGA with Audio and Faceplates)
logo
Sensortechnics GmbH
LD78C6S-A SENSORTECHNICS-LD78C6S-A Datasheet
761Kb / 6P
Laser Beam Printer
logo
Roithner LaserTechnik G...
DPG ROITHNER-DPG Datasheet
39Kb / 1P
easy and affordable generating of technical patterns with a laser beam
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com