Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP26020DMF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP26020DMF
Description  Industry smallest 1.5A transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP26020DMF Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP26020DMF Datasheet HTML 1Page - Diodes Incorporated ZXTP26020DMF Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
DFN1411-3 package outline and dimensions
New Product
Announcement
Industry smallest 1.5A transistor
ZXTN26020DMF
ZXTP26020DMF
Issue Number | 001
June 2010
DFN1411-3 suggested pad layout
Product portfolio
h
FE
V
CE (SAT)
Part Number
Device
Type
V
CEO
V
I
C
A
I
CM
A
P
D
W
Min
@I
C
A
Min
@I
C
A
Max.
mV
@ I
C/IB
A/mA
Max
mV
@ I
C/IB
A/mA
f
T 
MH
z
R
CE(SAT)
mΩ
ZXTN26020DMF
NPN
20
1.5
4
0.38
300
0.1
200
2
45
0.1/1
225
2/100
260
90
ZXTP26020DMF
PNP
-20
-1.25
-4
0.38
300
-0.1
175
-1
-80
-0.1/-1
-155
-1/-50
200
125



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com