Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTDAM832TC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTDAM832TC
Description  DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTDAM832TC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTDAM832TC Datasheet HTML 1Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 2Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 3Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 4Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 5Page - Diodes Incorporated ZXTDAM832TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTDAM832
ISSUE 1 - JUNE 2002
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(f)
RθJA
83.3
°C/W
Junction to Ambient (b)(f)
RθJA
51
°C/W
Junction to Ambient (c)(f)
RθJA
125
°C/W
Junction to Ambient (d)(f)
RθJA
111
°C/W
Junction to Ambient (d)(g)
RθJA
73.5
°C/W
Junction to Ambient (e)(g)
RθJA
41.7
°C/W
THERMAL RESISTANCE
Notes
(a) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The copper
area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(b) Measured at t<5 secs for a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads
attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(c) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with minimal lead connections only.
(d) For a dual device surface mounted on 10 sq cm single sided 1oz copper on FR4 PCB, in still air conditions with all exposed pads attached attached.
The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(e) For a dual device surface mounted on 85 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached attached.
The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(f) For a dual device with one active die.
(g) For dual device with 2 active die running at equal power.
(h) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(i) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base of the device as shown in the
package dimensions data. The thermal resistance for a dual device mounted on 1.5mm thick FR4 board using minimum copper 1 oz weight, 1mm wide
tracks and one half of the device active is Rth = 250°C/W giving a power rating of Ptot = 500mW.
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
7.5
V
Peak Pulse Current
ICM
15
A
Continuous Collector Current (a)(f)
IC
4.5
A
Continuous Collector Current (b)(f)
IC
5.0
A
Base Current
IB
1000
mA
Power Dissipation at TA=25°C (a)(f)
Linear Derating Factor
PD
1.5
12
W
mW/°C
Power Dissipation at TA=25°C (b)(f)
Linear Derating Factor
PD
2.45
19.6
W
mW/°C
Power Dissipation at TA=25°C (c)(f)
Linear Derating Factor
PD
1
8
W
mW/°C
Power Dissipation at TA=25°C (d)(f)
Linear Derating Factor
PD
1.13
9
W
mW/°C
Power Dissipation at TA=25°C (d)(g)
Linear Derating Factor
PD
1.7
13.6
W
mW/°C
Power Dissipation at TA=25°C (e)(g)
Linear Derating Factor
PD
3
24
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.
OBSOLETE - PLEASE USE ZXTD617MC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com