Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF620STRL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRF620STRL
Description  Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF620STRL Datasheet(HTML) 1 Page - Vishay Siliconix

  IRF620STRL Datasheet HTML 1Page - Vishay Siliconix IRF620STRL Datasheet HTML 2Page - Vishay Siliconix IRF620STRL Datasheet HTML 3Page - Vishay Siliconix IRF620STRL Datasheet HTML 4Page - Vishay Siliconix IRF620STRL Datasheet HTML 5Page - Vishay Siliconix IRF620STRL Datasheet HTML 6Page - Vishay Siliconix IRF620STRL Datasheet HTML 7Page - Vishay Siliconix IRF620STRL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91028
www.vishay.com
S11-1046-Rev. D, 30-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRF620S, SiHF620S
Vishay Siliconix
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Surface Mount
• Available in Tape and Reel
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
•Fast Switching
• Simple Drive Requirements
• Ease of Paralleling
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The D2PAK (TO-263) is a surface mount power package
capable of accommodating die size up to HEX-4. It provides
the highest power capability and the lowest possible
on-resistance in any existing surface mount package. The
D2PAK (TO-263) is suitable for high current applications
because of its low internal connection resistance and can
dissipate up to 2.0 W in a typical surface mount application.
Note
a. See device orientation.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 6.1 mH, Rg = 25 , IAS = 5.2 A (see fig. 12).
c. ISD  5.2 A, dI/dt  95 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
PRODUCT SUMMARY
VDS (V)
200
RDS(on) ()VGS = 10 V
0.80
Qg (Max.) (nC)
14
Qgs (nC)
3.0
Qgd (nC)
7.9
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G D
S
ORDERING INFORMATION
Package
D2PAK (TO-263)
D2PAK (TO-263)
D2PAK (TO-263)
Lead (Pb)-free and Halogen-free
SiHF620S-GE3
SiHF620STRL-GE3a
SiHF620STRR-GE3a
Lead (Pb)-free
IRF620SPbF
IRF620STRLPbFa
IRF620STRRPbFa
SiHF620S-E3
SiHF620STL-E3a
SiHF620STR-E3a
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
5.2
A
TC = 100 °C
3.3
Pulsed Drain Currenta
IDM
18
Linear Derating Factor
0.40
W/°C
Linear Derating Factor (PCB Mount)e
0.025
Single Pulse Avalanche Energyb
EAS
110
mJ
Avalanche Currenta
IAR
5.2
A
Repetitive Avalanche Energya
EAR
5.0
mJ
Maximum Power Dissipation
TC = 25 °C
PD
50
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
3.0
Peak Diode Recovery dV/dtc
dV/dt
5.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRF620STRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF620STRLPBF VISHAY-IRF620STRLPBF Datasheet
141Kb / 8P
Vishay Siliconix
30-May-11
IRF620STRLPBFA VISHAY-IRF620STRLPBFA Datasheet
217Kb / 9P
Power MOSFET
07-Sep-2020
More results

Similar Description - IRF620STRL

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com