Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXRE330ESA-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXRE330ESA-7
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE330ESA-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXRE330ESA-7 Datasheet HTML 1Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 2Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 3Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 4Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 5Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 6Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 7Page - Diodes Incorporated ZXRE330ESA-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXRE330
Document number: DS36772 Rev. 2 - 2
4 of 8
www.diodes.com
January 2014
© Diodes Incorporated
ZXRE330
Typical Characteristics
-50
-25
0
25
50
75
100
125
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
IR=100uA
Ambient Temperature (
oC)
Reverse Breakdown Voltage Temperature Coefficient
-50
-25
0
25
50
75
100
125
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
IR=1mA
Ambient Temperature (
oC)
Reverse Breakdown Voltage Temperature Coefficient
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
7
8
9
10
T
A=-40
oC
T
A=25
oC
T
A=85
oC
Reverse Voltage (V)
Minimal Operating Current
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
T
A=25
oC
Reverse Voltage (V)
Reverse Current vs. Reverse Voltage
-50
-25
0
25
50
75
100
125
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
Ambient Temperature (
oC)
VR=3V
Off-state Reverse Current vs. Temperature
10
100
1k
10k
0
1
2
3
4
5
Frequency (Hz)
I
R=100uA
T
A=25
oC
Noise Voltage vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com