Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC321J Datasheet(PDF) 2 Page - ITT Industries

Part # KSC321J
Description  Sealed Tact Switch for SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC321J Datasheet(HTML) 2 Page - ITT Industries

  KSC321J Datasheet HTML 1Page - ITT Industries KSC321J Datasheet HTML 2Page - ITT Industries KSC321J Datasheet HTML 3Page - ITT Industries KSC321J Datasheet HTML 4Page - ITT Industries KSC321J Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-21
B
6,2
(.244)
ø3,28
(.129)
6,8
(.268)
ø2,6
(.102)
ø2,8
(.110)
ø4,7
(.185)
ø3,0
(.118)
ACTUATOR
KSC4 SOFT, 5,2 mm high
KSC6 HARD, 7,7 mm high
KSC1 WITHOUT, 2.5 mm high
KSC Series
Sealed Tact Switch for SMT
KSC2 SOFT, 3,5 mm high
KSC3 HARD, 3,5 mm high
First Angle
Projection
2,9
(.114)
KSC4 KSC421V only
1,51
(.05)
NOTE: KSC4 standard silicone material is
70 shore, the only exception is
KSC401J which is 50 shore.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com