Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NC3MAAH Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # NC3MAAH
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NC3MAAH Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button NC3MAAH Datasheet HTML 17Page - List of Unclassifed Manufacturers NC3MAAH Datasheet HTML 18Page - List of Unclassifed Manufacturers NC3MAAH Datasheet HTML 19Page - List of Unclassifed Manufacturers NC3MAAH Datasheet HTML 20Page - List of Unclassifed Manufacturers NC3MAAH Datasheet HTML 21Page - List of Unclassifed Manufacturers NC3MAAH Datasheet HTML 22Page - List of Unclassifed Manufacturers NC3MAAH Datasheet HTML 23Page - List of Unclassifed Manufacturers NC3MAAH Datasheet HTML 24Page - List of Unclassifed Manufacturers NC3MAAH Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
28
NC6MP-B
NC3FP-1
NC3MP
NC3FP-1
NC3MPR-HD
NC5MPR-HD
NC3MPR-HD
NC5MPR-HD
NC5FX-HD
innovative
solutions
I superior quality
• Male and female available in 3-6 pin configurations;
7 pin versions available in female only
• Smallest available hard wiring receptacles with large solder cups
• Male and female use different mounting hole dimensions
and do not fit in same mounting hole
• Front mountable only
• One piece version – insert is NOT removable from shell
• Short female receptacle
• Compatible with Switchcraft® DxM, DxF; Cannon XLRx31, XLRx32
• 6 pole female version available with Switchcraft contact
arrangement
XLR
Chassis
Connectors
XLR
Chassis
Connectors
P Series
Through hole fastening
• IP 65 - in combination with NC*FX-HD cable connectors
• Perfect for outdoor applications
• Sealing gasket for water tight panel mount
• Gold plated contacts
MPR-HD Series
Sealing Gasket
*: 3 - 5 contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com