Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX101791 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AX101791
Description  FiberExpress Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX101791 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AX101791 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX101791 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX101791 Datasheet HTML 8Page - List of Unclassifed Manufacturers AX101791 Datasheet HTML 9Page - List of Unclassifed Manufacturers AX101791 Datasheet HTML 10Page - List of Unclassifed Manufacturers AX101791 Datasheet HTML 11Page - List of Unclassifed Manufacturers AX101791 Datasheet HTML 12Page - List of Unclassifed Manufacturers AX101791 Datasheet HTML 13Page - List of Unclassifed Manufacturers AX101791 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
COMMERCIAL
NETWORKING
—
OPT IC AL
FIBE R
16.16
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Fiber
Express Outlets
MDVO Multimedia Outlet Boxes & Modules and Multi-User Outlet Boxes
MDVO Multimedia Outlet Box
The MDVO Multimedia Outlet Box brings unique versatility for multimedia work area installations. The
box design provides cable management and helps maintain cable bend radius. The outlet box’s low profile
design and side-entry offers better protection for patch cords. The outlet box can accept up to six EZ-MDVO,
GigaFlex or MDVO Multimedia Modules or three SC Duplex adapters.
The MDVO Multimedia Outlet Box can be mounted directly on the wall or attached to standard electrical
boxes. Included with the MDVO Multimedia box are three SC Duplex Mounting bezels and three MDVO
Adapters.
MDVO Multimedia Modules
MDVO Multimedia Modules address audio/video and fiber applications. Fiber modules are available for
LC Duplex, SC Simplex, ST Compatible multimode and MT-RJ multimode & single-mode connections.
The SC Duplex Adapter is a fiber adapter sleeve with flanges that mounts into the SC Duplex mounting
bezel (included in the MDVO Multimedia Outlet box). Audio/video modules are available for SVHS, RCA,
BNC and Video F connections.
Multi-User Outlet Box
The Multi-User Outlet Box is a versatile box that can be used in many different applications. The outlet
box can accommodate up to 24 connections of any type, UTP, fiber or coax. The outlet box is ideal for use
as a multi-user telecommunications assembly, or simply as a high-density multimedia telecommunications
outlet. The Multi-User Outlet Box can also be used as a wall mounted patch panel in confined areas, such
as shallow rooms and cabinets.
Gray
Almond
White
Black
Fiber
Express Outlets
MDVO Multimedia Outlet Box
6-port
A0643205
A0643206
A0643207
A0643208
Please note that SC Duplex adapters must be ordered separately (A0649254).
MDVO Multimedia Module
LC Duplex Multimode
AX102209
AX102210
AX102211
AX102212
LC Duplex Single-mode
AX102213
AX102214
AX102215
AX102216
SC Simplex, Multimode, Blue insert A0407003
A0407004
A0407005
A0407006
SC Duplex Adapter, Multimode
A0649254
ST Compatible, Multimode
A0407007
A0407008
A0407009
A0407010
MT-RJ, Multimode
AX101467
MT-RJ, Single-mode, Blue
AX101466
Custom multimedia connectors are also available, please contact Customer Service for more details.
Multi-User Outlet Box
24-port
AX100219
AX100220
AX100221
AX100222
These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status.
Belden Part Number
Description
A0643205 MDVO Multimedia Outlet Box,
shown here as terminated
A0407005 MDVO SC Fiber Module
A0649254 SC Duplex Adapter
AX101467 MDVO MT-RJ Fiber Module
AX100222 Multi-User Outlet Box,
shown here with modules
A0407010 MDVO ST Compatible Fiber Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com