Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP690S/805S Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP690S/805S
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690S/805S Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP690S/805S Datasheet HTML 6Page - Sipex Corporation SP690S/805S Datasheet HTML 7Page - Sipex Corporation SP690S/805S Datasheet HTML 8Page - Sipex Corporation SP690S/805S Datasheet HTML 9Page - Sipex Corporation SP690S/805S Datasheet HTML 10Page - Sipex Corporation SP690S/805S Datasheet HTML 11Page - Sipex Corporation SP690S/805S Datasheet HTML 12Page - Sipex Corporation SP690S/805S Datasheet HTML 13Page - Sipex Corporation SP690S/805S Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© 2006 Sipex Corporation
10
Figure 16A. SP805L RESET Response Time
Figure 16B. Circuit for the SP805 RESET Response
Time
GND
RESET
VCC
330pF
VCC
10K
Ω
VCC
Figure 17B. Circuit for the Power-Fail Comparator
Response Time (fall)
Figure 17A. Power-Fail Comparator Response Time (fall)
30pF
1K
Ω
PFO
+1.25V
+5V
PFI
VCC = +5V
TA = +25 C
Figure 18A. Power-Fail Comparator Response Time (rise)
Figure 18B. Circuit for the Power-Fail Comparator
Response Time (rise)
30pF
1K
Ω
PFO
+1.25V
+5V
PFI
VCC = +5V
TA = +25 C
0V
PFI
1.3V
1.2V
5V
500ns / div
PFO
V
CC= 5V
= 0
V
BATTERY
2
1
T
1
1.3V
1.2V
V
CC= 5
= 0
V
BATTERY
PFI
PFO
500ns / div
0V
[
T
]
1
T
V
CC
1V / div
3.1V
2V
10
µs / div
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com