Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI-L Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPI-L
Description  NPI Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI-L Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPI-L Datasheet HTML 1Page - NIC-Components Corp. NPI-L Datasheet HTML 2Page - NIC-Components Corp. NPI-L Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
52
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
53
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
NPI Power Inductors
NPI__L Series
Tape Width
REEL DIMENSIONS (mm) & QUANTITY
A(mm)
B(mm)
C(mm)
D(mm)
Qty/Reel
16mm
12.5±0.1
50±1
13±0.2
178
1,000
B
C
D
A
Case Size
TAPING DIMENSIONS (mm)
Ao
Bo
Co
Ko
W
Po
NPI17L
5.8
6.8
7.5
1.4
16
8.0
Series
A
B
C
D (ref)
E (ref)
I (ref)
G (ref)
H (ref)
NPI17L
5.5 Max
6.60 Max
1.20 Max
0.75
2.50
1.1
4.7
2.5
NPI17L
A
B
C
D
E
PART AND LAND PATTERN DIMENSIONS
G
I
H
LAND PATTERN
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
0.5mm ± 0.05
1.75mm
±0.1
REFLOW SOLDERING PROFILE
Soldering 260°C max.
5 seconds max.
Cool Down
60 ~ 120 sec.
25
50
100
150
200
250
300
Pre-Heat
150°C ~ 180°C
Time above 230°C
30 seconds max.
30
60
90 120 150 180 210 240 270 300
Time - Seconds



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com