Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI-P Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPI-P
Description  NPI Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI-P Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPI-P Datasheet HTML 1Page - NIC-Components Corp. NPI-P Datasheet HTML 2Page - NIC-Components Corp. NPI-P Datasheet HTML 3Page - NIC-Components Corp. NPI-P Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
73
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
24mm
24.5±0.1
100 ± 1.0
13.0 ± 0.5
330
32mm
32.5±0.1
Size
REEL QUANTITY PER CASE SIZE
NPI31P
NPI52P
NPI53P
NPI55P
Quantity per reel
600
250
175
175
Tape Width
24mm
32mm
32mm
44mm
NPI Power Inductors
NPI__P Series
B
C
D
A
Case Size
TAPING DIMENSIONS (mm)
Ao ± 0.1
Bo ± 0.1
Co
D
E + 0.1/-0
Ko ± 0.1
P ± 0.1
Po ± 0.1
W ± 0.3
t ± 0.05
NPI31P
10.0
13.5
11.5 ± 0.1
1.5 ± 0.05
1.75
5.6
4.0
16.0
24
0.4
NPI52P
16.5
23.0
14.2 ± 0.15
1.5 ± 0.1
1.75
7.5
4.0
20.0
32
0.4
NPI53P
15.4
18.8
14.2 ± 0.15
1.5 ± 0.1
1.75
12.5
4.0
24.0
32
0.5
NPI55P
16.5
22.7
20.2 ± 0.15
1.5 ± 0.1
1.75
12.5
4.0
24.0
44
0.5
W
Co
Ao
Po
Ko
Bo
D
P
E
t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com