Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS104F330MTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS104F330MTRF
Description  NPIS Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS104F330MTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS104F330MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS104F330MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS104F330MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS104F330MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Speci cations are subject to change
Part Number
STANDARD VALUES - CASE SIZE 104 (10.6 x 10.5 x 4.0mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms/Isat (Amps)
Test Frequency
NPIS104F1R5YTRF
1.5 ± 30%
8.1
6.50
100KHz
NPIS104F2R5YTRF
2.5 ± 30%
10.5
6.10
NPIS104F3R8YTRF
3.8 ± 30%
13.0
5.50
NPIS104F4R7YTRF
4.7 ± 30%
20.0
5.40
NPIS104F5R2YTRF
5.2 ± 30%
22.0
5.40
NPIS104F6R8YTRF
6.8 ± 30%
27.0
4.50
NPIS104F7R0YTRF
7.0 ± 30%
27.0
4.50
NPIS104F100MTRF
10 ± 20%
40.0
3.80
1KHz
NPIS104F150MTRF
15 ± 20%
80.0
3.10
NPIS104F220MTRF
22 ± 20%
73.0
2.50
NPIS104F330MTRF
33 ± 20%
93.0
2.20
NPIS104F470MTRF
47 ± 20%
128.0
1.90
NPIS104F680MTRF
68 ± 20%
213.0
1.42
NPIS104F101MTRF
100 ± 20%
304.0
1.25
NPIS104F151MTRF
150 ± 20%
506.0
0.85
NPIS104F221MTRF
220 ± 20%
756.0
0.70
NPIS104F331MTRF
330 ± 20%
1090.0
0.52
Part Number
STANDARD VALUES - CASE SIZE 103 (10.6 x 10.5 x 3.0mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms/Isat (Amps)
Test Frequency
NPIS103F0R8YTRF
0.8 ± 30%
5.7
8.3
100KHz
NPIS103F1R5YTRF
1.5 ± 30%
11
5.8
NPIS103F2R2YTRF
2.2 ± 30%
16.9
5.1
NPIS103F3R3YTRF
3.3 ± 30%
21
4.7
NPIS103F4R7YTRF
4.7 ± 30%
30
4
NPIS103F6R8YTRF
6.8 ± 30%
35
3.6
NPIS103F8R2YTRF
8.2 ± 30%
50
3
NPIS103F100MTRF
10 ± 20%
59
2.8
1KHz
NPIS103F150MTRF
15 ± 20%
91
2.05
NPIS103F220MTRF
22 ± 20%
143
1.6
NPIS103F330MTRF
33 ± 20%
202
1.35
NPIS103F470MTRF
47 ± 20%
299
1.2
NPIS103F560MTRF
56 ± 20%
325
1.15
NPIS103F680MTRF
68 ± 20%
429
0.95
NPIS103F101MTRF
100 ± 20%
494
0.8
NPIS103F121MTRF
120 ± 20%
754
0.65
NPIS103F151MTRF
150 ± 20%
871
0.51
NPIS__F Series
NPIS Shielded Power Inductors
Irms/Isat speci cation is based on +40°C temperature rise or -25% inductance change at inductance whichever is less.
Irms/Isat speci cation is based on +40°C temperature rise or -25% inductance change at inductance whichever is less.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com