Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIS104F680MTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPIS104F680MTRF
Description  NPIS Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS104F680MTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPIS104F680MTRF Datasheet HTML 1Page - NIC-Components Corp. NPIS104F680MTRF Datasheet HTML 2Page - NIC-Components Corp. NPIS104F680MTRF Datasheet HTML 3Page - NIC-Components Corp. NPIS104F680MTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Speci cations are subject to change
Part Number
STANDARD VALUES - CASE SIZE 105 (10.6 x 10.5 x 5.2mm)
Inductance Value
(
μH)
DC Resistance
(m
Ω)
DC Current
Irms/Isat (Amps)
Test Frequency
NPIS105FR80YTRF
0.8 ± 30%
4.3
13.50
100KHz
NPIS105F1R5YTRF
1.5 ± 30%
5.8
10.5
NPIS105F2R2YTRF
2.2 ± 30%
7.2
9.25
NPIS105F3R3YTRF
3.3 ± 30%
10.4
7.80
NPIS105F4R7YTRF
4.7 ± 30%
12.3
6.40
NPIS105F6R8YTRF
6.8 ± 30%
18.0
5.40
NPIS105F8R2YTRF
8.2 ± 30%
20.0
4.85
NPIS105F100MTRF
10 ± 20%
26.0
4.45
1KHz
NPIS105F120MTRF
12 ± 20%
33.0
4.00
NPIS105F150MTRF
15 ± 20%
41.0
3.60
NPIS105F180MTRF
18 ± 20%
46.0
3.20
NPIS105F220MTRF
22 ± 20%
61.0
2.95
NPIS105F270MTRF
27 ± 20%
69.0
2.70
NPIS105F330MTRF
33 ± 20%
84.0
2.40
NPIS105F390MTRF
39 ± 20%
106.0
2.30
NPIS105F470MTRF
47 ± 20%
130.0
2.00
NPIS105F560MTRF
56 ± 20%
149.0
1.90
NPIS105F680MTRF
68 ± 20%
201.0
1.65
NPIS105F820MTRF
82 ± 20%
227.0
1.50
NPIS105F101MTRF
100 ± 20%
253.0
1.35
NPIS105F121MTRF
120 ± 20%
303.0
1.28
NPIS105F151MTRF
150 ± 20%
370.0
1.12
NPIS105F181MTRF
180 ± 20%
419.0
1.04
NPIS105F221MTRF
220 ± 20%
500.0
0.94
NPIS105F331MTRF
330 ± 20%
812.0
0.75
NPIS105F391MTRF
390 ± 20%
953.0
0.70
NPIS105F471MTRF
470 ± 20%
1289.0
0.60
NPIS105F561MTRF
560 ± 20%
1430.0
0.54
NPIS105F681MTRF
680 ± 20%
1599.0
0.52
NPIS105F821MTRF
820 ± 20%
1768.0
0.50
NPIS105F102MTRF
1,000 ± 20%
1989.0
0.48
NPIS__F Series
NPIS Shielded Power Inductors
Irms/Isat speci cation is based on +40°C temperature rise or -25% inductance change at inductance whichever is less.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com