Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX102410 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX102410
Description  Faceplates and Panels - MediaFlex Keyconnect Style Insert 2-port, Flush
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102410 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX102410 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102410 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102410 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
Kit of 10 MediaFlex KeyConnect Module Insert, 2-port, flush, almond
Usage (Overall)
Suitable Applications:
- Compatible with a variety of modules that are suitable for use with Belden
IBDN Systems 10GX, 4800,3600, 2400 and 1200
Related Parts:
- Compatible with 10GX, CAT6+ and CAT5E Keyconnect-style Modular Jacks
and Keyconnect Multimedia Modules
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
2 Inserts
Access
Front Connection:
Flush
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
0.925
2.050
0.590
Materials
Materials:
Description Material
Inserts
Plastic - UL94V-0
Color
Color:
Almond
Weight
Weight:
0.120 lbs.
Packaging
Packaging:
10 inserts packaged in a suitable plastic bag
Mechanical Characteristics (Connectivity)
Connector/Hardware Retention:
20 lbs.
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Tool Compatibility:
Termination Station (AX101852), Release Tool (AX101185)
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
MII Order #39 (China RoHS):
Yes
Safety Listing:
ACA, Bi-national Standard Listed
Page 1 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX102410 Faceplates and Panels - MediaFlex Keyconnect Style Insert 2-port, Flush


Similar Part No. - AX102410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102412 ETC2-AX102412 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style insert 2-port, Angled
AX102415 ETC2-AX102415 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102415 ETC2-AX102415 Datasheet
174Kb / 2P
Keystone Multimedia Modules
AX102416 ETC2-AX102416 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102416 ETC2-AX102416 Datasheet
174Kb / 2P
Keystone Multimedia Modules
More results

Similar Description - AX102410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101750 ETC2-AX101750 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex MDVO Style Insert 2-port, Flush
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102261 ETC2-AX102261 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102262 ETC2-AX102262 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102263 ETC2-AX102263 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102266 ETC2-AX102266 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Decora Adapter 4 Port
AX102412 ETC2-AX102412 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style insert 2-port, Angled
AX102428 ETC2-AX102428 Datasheet
103Kb / 3P
Faceplates and Panels - MediaFlex Faceplate Kit for KeyConnect Modules 4-Port, Flush, Single-gang
AX103927 ETC2-AX103927 Datasheet
100Kb / 2P
Faceplates and Panels - KeyConnect Decora Adapter 4 Port
logo
Belden Inc.
AX104592 BELDEN-AX104592 Datasheet
101Kb / 2P
AX104592 Faceplates and Panels - KeyConnect Patch Panel - KeyConnect
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com