Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI35LS1R2MTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NPI35LS1R2MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LS1R2MTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NPI35LS1R2MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI35LS1R2MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI35LS1R2MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LS1R2MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LS1R2MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LS1R2MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LS1R2MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LS1R2MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LS1R2MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Unshielded Power Inductors
NPI__LS Series
Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change.
Series
Standard Values - Case Size 35 (3.0 x 3.0 x 1.7mm)
Inductance
(
μH)
Tolerance
Test Conditions
DCR
(
Ω)
Isat
(Amps)
Irms
(Amps)
SRF
(MHz)
NPI35LSR68MTRF
0.68
±20%
100KHz, 1V
0.028
3.81
2.23
170
NPI35LS1R0MTRF
1.0
±20%
100KHz, 1V
0.04
3.27
1.85
150
NPI35LS1R2MTRF
1.2
±20%
100KHz, 1V
0.053
2.84
1.61
133
NPI35LS1R5MTRF
1.5
±20%
100KHz, 1V
0.06
2.6
1.51
113
NPI35LS1R8MTRF
1.8
±20%
100KHz, 1V
0.068
2.32
1.41
96
NPI35LS2R2MTRF
2.2
±20%
100KHz, 1V
0.089
2.07
1.24
91
NPI35LS2R7MTRF
2.7
±20%
100KHz, 1V
0.106
1.01
1.13
80
NPI35LS3R3MTRF
3.3
±20%
100KHz, 1V
0.116
1.79
1.09
75
NPI35LS3R6MTRF
3.6
±20%
100KHz, 1V
0.128
1.66
1.03
66
NPI35LS3R9MTRF
3.9
±20%
100KHz, 1V
0.146
1.62
0.97
65
NPI35LS4R7MTRF
4.7
±20%
100KHz, 1V
0.206
1.44
0.82
57
NPI35LS5R6MTRF
5.6
±20%
100KHz, 1V
0.222
1.37
0.79
54
NPI35LS6R8MTRF
6.8
±20%
100KHz, 1V
0.253
1.24
0.73
50
NPI35LS100MTRF
10
±20%
100KHz, 1V
0.328
1.06
0.65
26
NPI35LS120MTRF
12
±20%
100KHz, 1V
0.451
0.9
0.55
32
NPI35LS150MTRF
15
±20%
100KHz, 1V
0.52
0.82
0.5
30
NPI35LS180MTRF
18
±20%
100KHz, 1V
0.565
0.75
0.5
28
NPI35LS220MTRF
22
±20%
100KHz, 1V
0.763
0.7
0.42
25
NPI35LS270MTRF
27
±20%
100KHz, 1V
1.006
0.62
0.37
21
NPI35LS330MTRF
33
±20%
100KHz, 1V
1.156
0.56
0.34
18
NPI35LS360MTRF
36
±20%
100KHz, 1V
1.223
0.53
0.33
18
NPI35LS390MTRF
39
±20%
100KHz, 1V
1.298
0.51
0.32
17
NPI35LS430MTRF
43
±20%
100KHz, 1V
1.372
0.5
0.32
17
NPI35LS470MTRF
47
±20%
100KHz, 1V
1.447
0.48
0.31
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com