Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI35LS3R3MTRF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPI35LS3R3MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LS3R3MTRF Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NPI35LS3R3MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LS3R3MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LS3R3MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LS3R3MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LS3R3MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LS3R3MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LS3R3MTRF Datasheet HTML 9Page - NIC-Components Corp. NPI35LS3R3MTRF Datasheet HTML 10Page - NIC-Components Corp. NPI35LS3R3MTRF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Unshielded Power Inductors
NPI__LS Series
Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change.
Series
Standard Values - Case Size 63 (6.0 x 6.0 x 2.8mm)
Inductance
(
μH)
Tolerance
Test Conditions
DCR
(
Ω)
Isat
(Amps)
Irms
(Amps)
SRF
(MHz)
NPI63LS1R2MTRF
1.2
±20%
100KHz, 1V
0.013
8.4
4.58
94
NPI63LS1R5MTRF
1.5
±20%
100KHz, 1V
0.016
7.14
4.09
80
NPI63LS2R2MTRF
2.2
±20%
100KHz, 1V
0.019
6.19
3.75
64
NPI63LS3R3MTRF
3.3
±20%
100KHz, 1V
0.028
4.89
3.08
46
NPI63LS4R3MTRF
4.3
±20%
100KHz, 1V
0.032
4.35
2.89
42
NPI63LS5R1MTRF
5.1
±20%
100KHz, 1V
0.04
4.04
2.58
37
NPI63LS6R2MTRF
6.2
±20%
100KHz, 1V
0.052
3.45
2.25
31
NPI63LS7R5MTRF
7.5
±20%
100KHz, 1V
0.058
3.27
2.15
31
NPI63LS8R2MTRF
8.2
±20%
100KHz, 1V
0.064
3.12
2.05
29
NPI63LS100MTRF
10
±20%
100KHz, 1V
0.084
2.81
1.79
25
NPI63LS120MTRF
12
±20%
100KHz, 1V
0.099
2.54
1.64
22
NPI63LS150MTRF
15
±20%
100KHz, 1V
0.114
2.29
1.53
20
NPI63LS180MTRF
18
±20%
100KHz, 1V
0.136
2.13
1.4
18
NPI63LS220MTRF
22
±20%
100KHz, 1V
0.163
1.9
1.28
16
NPI63LS330MTRF
33
±20%
100KHz, 1V
0.239
1.51
1.06
13
NPI63LS360MTRF
36
±20%
100KHz, 1V
0.25
1.47
1.05
12
NPI63LS390MTRF
39
±20%
100KHz, 1V
0.263
1.46
1.01
12
NPI63LS430MTRF
43
±20%
100KHz, 1V
0.273
1.46
0.99
12
NPI63LS470MTRF
47
±20%
100KHz, 1V
0.341
1.32
0.89
11
NPI63LS510MTRF
51
±20%
100KHz, 1V
0.371
1.24
0.85
10
NPI63LS560MTRF
56
±20%
100KHz, 1V
0.39
1.2
0.83
10
NPI63LS620MTRF
62
±20%
100KHz, 1V
0.422
1.15
0.8
10
NPI63LS680MTRF
68
±20%
100KHz, 1V
0.49
1.09
0.73
9.1
NPI63LS750MTRF
75
±20%
100KHz, 1V
0.527
1.05
0.7
8.7
NPI63LS820MTRF
82
±20%
100KHz, 1V
0.557
0.99
0.69
8.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com