Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX102420 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX102420
Description  Keystone Multimedia Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102420 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX102420 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102420 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102420 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COPPERMedia
1
DATASheet
1-800-BELDEN-1
•
www.belden.com
AX102420 Keystone LC Duplex Module
Keystone Multimedia Modules
The Keystone Multimedia Modules are available
in LC Duplex and ST-Compatible formats for
fiber applications as well as in F coaxial
connector for video applications.
The Keystone LC Duplex Modules are high-quality
LC Duplex fiber adapters mounted in a keystone-
style plastic housing. They are available in
multimode, and singlemode for any fiber
cabling applications.
The Keystone ST-Compatible Modules are using
ceramic ferrules and are suitable for multimode
and singlemode applications.
The Keystone Video F Coaxial Modules are using
F coax bulkhead adapters and are suitable for
video applications.
The Keystone Blank Modules are available in
almond, white and black colors to fill unused
ports in any keystone-style faceplate or adapter.
Features & benefits
> Multimode modules contain high-quality
phosphor-bronze sleeve – provide low
insertion loss and excellent durability
> Singlemode modules contain high-quality
ceramic sleeve – provide precise alignment
and long term durability
> All keystone-style modules can be easily
snapped into keystone-style faceplates and
adapters or in simple sheet metal cut-outs
for installation in custom-built devices
> Exceed TIA/EIA-568B, CENELEC and ISO/IEC
11801 performance requirements
Applications
> Multimedia Work Area Outlets
> Telecom Room and Consolidation Point
connections
> Indoor use only
Technical Specifications
> Multimode LC module: beige adapter
with phosphor bronze sleeve
> Singlemode LC module: blue adapter
with ceramic sleeve
> ST-Compatible MM/SM: metal adapter
with ceramic sleeve
> Keystone-style module color: almond,
white and black
AX102243 Keystone ST Compatible Module
AX102259 Keystone Video F Coaxial Module
AX102263 Keystone Blank Module


Similar Part No. - AX102420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102420 ETC2-AX102420 Datasheet
174Kb / 2P
Keystone Multimedia Modules
More results

Similar Description - AX102420

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
Multimedia Platform?
2004
logo
List of Unclassifed Man...
AX102416 ETC2-AX102416 Datasheet
174Kb / 2P
Keystone Multimedia Modules
logo
Texas Instruments
OMAP4430 TI1-OMAP4430 Datasheet
7Mb / 443P
Multimedia Device
OMAPL137-HT TI1-OMAPL137-HT Datasheet
7Mb / 444P
Multimedia Device
logo
Tripp Lite. All Rights ...
N062-024-KJ TRIPPLITE-N062-024-KJ Datasheet
478Kb / 2P
24-Port 2U Rack-Mount Unshielded Blank Keystone/Multimedia Patch Panel, RJ45 Ethernet, USB, HDMI, Cat5e/6
logo
OmniVision Technologies...
OV9762 OMNIVISION-OV9762 Datasheet
1Mb / 2P
PC Multimedia
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
Multimedia Processor
GP326823A GENERALPLUS-GP326823A Datasheet
1Mb / 21P
Multimedia Processor
logo
Tripp Lite. All Rights ...
N062-048-KJ TRIPPLITE-N062-048-KJ Datasheet
36Kb / 2P
48-Port 1U Rack-Mount Unshielded Blank Keystone/Multimedia Patch Panel, RJ45 Ethernet, USB, HDMI, Cat5e/6
logo
METZ CONNECT GmbH
130B21-25-E METZ-130B21-25-E Datasheet
1Mb / 7P
25Gmodul - Keystone
2022/12/16 Version: F
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com