Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPI35LS100MTRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPI35LS100MTRF
Description  NPI Unshielded Power Inductors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI35LS100MTRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPI35LS100MTRF Datasheet HTML 1Page - NIC-Components Corp. NPI35LS100MTRF Datasheet HTML 2Page - NIC-Components Corp. NPI35LS100MTRF Datasheet HTML 3Page - NIC-Components Corp. NPI35LS100MTRF Datasheet HTML 4Page - NIC-Components Corp. NPI35LS100MTRF Datasheet HTML 5Page - NIC-Components Corp. NPI35LS100MTRF Datasheet HTML 6Page - NIC-Components Corp. NPI35LS100MTRF Datasheet HTML 7Page - NIC-Components Corp. NPI35LS100MTRF Datasheet HTML 8Page - NIC-Components Corp. NPI35LS100MTRF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Unshielded Power Inductors
NPI__LS Series
Irms specification is based on +20°C temperature rise. Isat is based on -30% inductance change.
Series
Standard Values - Case Size 32 (3.0 x 3.0 x 1.4mm)
Inductance
(
μH)
Tolerance
Test Conditions
DCR
(
Ω)
Isat
(Amps)
Irms
(Amps)
SRF
(MHz)
NPI32LSR75MTRF
0.75
±20%
100KHz, 1V
0.037
3.31
1.74
180
NPI32LS1R0MTRF
1.0
±20%
100KHz, 1V
0.045
2.93
1.59
150
NPI32LS2R2MTRF
2.2
±20%
100KHz, 1V
0.097
2.02
1.08
100
NPI32LS3R3MTRF
3.3
±20%
100KHz, 1V
0.164
1.62
0.83
81
NPI32LS3R9MTRF
3.9
±20%
100KHz, 1V
0.177
1.49
0.8
72
NPI32LS4R7MTRF
4.7
±20%
100KHz, 1V
0.212
1.36
0.73
65
NPI32LS5R6MTRF
5.6
±20%
100KHz, 1V
0.227
1.28
0.71
60
NPI32LS6R2MTRF
6.2
±20%
100KHz, 1V
0.246
1.22
0.68
56
NPI32LS 6R8MTRF
6.8
±20%
100KHz, 1V
0.27
1.16
0.65
51
NPI32LS7R5MTRF
7.5
±20%
100KHz, 1V
0.285
1.07
0.63
46
NPI32LS9R1MTRF
9.1
±20%
100KHz, 1V
0.357
0.98
0.56
44
NPI32LS100MTRF
10
±20%
100KHz, 1V
0.378
0.95
0.55
43
NPI32LS120MTRF
12
±20%
100KHz, 1V
0.503
0.84
0.48
37
NPI32LS150MTRF
15
±20%
100KHz, 1V
0.663
0.75
0.41
31
NPI32LS180MTRF
18
±20%
100KHz, 1V
0.762
0.68
0.39
30
NPI32LS220MTRF
22
±20%
100KHz, 1V
0.864
0.62
0.36
27
NPI32LS270MTRF
27
±20%
100KHz, 1V
1.005
0.57
0.34
23
NPI32LS330MTRF
33
±20%
100KHz, 1V
1.145
0.5
0.32
20
NPI32LS360MTRF
36
±20%
100KHz, 1V
1.49
0.48
0.28
21
NPI32LS390MTRF
39
±20%
100KHz, 1V
1.585
0.47
0.27
20
NPI32LS470MTRF
47
±20%
100KHz, 1V
1.78
0.44
0.25
18
NPI32LS510MTRF
51
±20%
100KHz, 1V
1.88
0.42
0.25
17
NPI32LS560MTRF
56
±20%
100KHz, 1V
2.21
0.38
0.23
15
NPI32LS620MTRF
62
±20%
100KHz, 1V
2.19
0.39
0.23
15
NPI32LS680MTRF
68
±20%
100KHz, 1V
2.99
0.35
0.2
14
NPI32LS820MTRF
82
±20%
100KHz, 1V
3.505
0.31
0.18
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com