Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL-12R6B1CWC-A2X Datasheet(PDF) 4 Page - A-BRIGHT Inc

Part # AL-12R6B1CWC-A2X
Description  All dimensions are in millimeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-12R6B1CWC-A2X Datasheet(HTML) 4 Page - A-BRIGHT Inc

  AL-12R6B1CWC-A2X Datasheet HTML 1Page - A-BRIGHT Inc AL-12R6B1CWC-A2X Datasheet HTML 2Page - A-BRIGHT Inc AL-12R6B1CWC-A2X Datasheet HTML 3Page - A-BRIGHT Inc AL-12R6B1CWC-A2X Datasheet HTML 4Page - A-BRIGHT Inc AL-12R6B1CWC-A2X Datasheet HTML 5Page - A-BRIGHT Inc AL-12R6B1CWC-A2X Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-12R6B1CWC-A2X
Spec No.
Page
4 of 6
NO
ITEM
Test Conditions
Test hours/cycle
Sample
Q’ty
Ac/Re
1
Solder Heat
Temp:260℃±5℃
5 sec
30 pcs
0/1
-40
30
min
-25
5
min
-105
30
min
2
Temperature Cycle
-25
5
min
100 cycles
30 pcs
0/1
-40℃
5min
3
Thermal Shock
-105℃ 5min
20 cycles
30 pcs
0/1
4
High Temperature Storage
Temp:85℃
1000 hrs
30 pcs
0/1
5
Low Temperature Storage
Temp:-35℃
1000 hrs
30 pcs
0/1
6
DC Operating Life
IF=350mA
1000 hrs
30 pcs
0/1
7
High Temperature/
High Humidity
Ta=60℃
R.H 90%
1000 hrs
30 pcs
0/1
Reliability test items and conditions :



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com