Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX102428 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX102428
Description  Faceplates and Panels - MediaFlex Faceplate Kit for KeyConnect Modules 4-Port, Flush, Single-gang
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102428 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX102428 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102428 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102428 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
MediaFlex Faceplate Kit for KeyConnect Modules 4-Port, Flush, Single-gang
Usage (Overall)
Suitable Applications:
- Compatible with a variety of modules that are suitable for use with Belden
IBDN Systems 10GX, 4800,3600, 2400 and 1200
Related Parts:
- Compatible with 10GX, CAT6+ and CAT5E KeyConnect Modular Jacks and
KeyConnect Multimedia Modules
Physical Characteristics (Connectivity)
Capacity
Max. Capacity:
4 ports
Access
Front Connection:
Flush
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
4.500
3.020
0.455
Materials
Materials:
Description Material
Faceplate
Plastic - UL94V-0
Insert
Plastic - UL94V-0
Color
Color:
Almond
Weight
Weight:
0.100 lbs.
Included Parts
Included Parts:
windows, paper, 6-32 screws, 2 ports insert 2, 2U blank insert, blank,
installation guide
Packaging
Packaging:
Individually packaged in a suitable plastic bag
Mechanical Characteristics (Connectivity)
Footprint/Type:
KeyConnect
Connector/Hardware Retention:
20 lbs.
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
Page 1 of 2
09-18-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX102428 Faceplates and Panels - MediaFlex Faceplate Kit for KeyConnect Modules 4-Port, Flush, Single-gang


Similar Part No. - AX102428

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102420 ETC2-AX102420 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102420 ETC2-AX102420 Datasheet
174Kb / 2P
Keystone Multimedia Modules
AX102421 ETC2-AX102421 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102421 ETC2-AX102421 Datasheet
174Kb / 2P
Keystone Multimedia Modules
More results

Similar Description - AX102428

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101437 ETC2-AX101437 Datasheet
105Kb / 3P
Faceplates and Panels - Interface Plates 4 Port Single Gang Flush
AX101746 ETC2-AX101746 Datasheet
98Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101747 ETC2-AX101747 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101871 ETC2-AX101871 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102248 ETC2-AX102248 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102249 ETC2-AX102249 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102251 ETC2-AX102251 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port w/ID Windows Single-Gang
AX102410 ETC2-AX102410 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style Insert 2-port, Flush
AX102660 ETC2-AX102660 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 1-Port w/ID Windows Single-Gang
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com