Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3115 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STC3115
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STC3115 Datasheet HTML 20Page - STMicroelectronics STC3115 Datasheet HTML 21Page - STMicroelectronics STC3115 Datasheet HTML 22Page - STMicroelectronics STC3115 Datasheet HTML 23Page - STMicroelectronics STC3115 Datasheet HTML 24Page - STMicroelectronics STC3115 Datasheet HTML 25Page - STMicroelectronics STC3115 Datasheet HTML 26Page - STMicroelectronics STC3115 Datasheet HTML 27Page - STMicroelectronics STC3115 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
I2C interface
STC3115
24/31
DocID023755 Rev 4
7.2.2
Register description
Values held in consecutive registers (such as the charge value in the REG_SOC register
pair) are stored with high bits in the first register and low bits in the second register. The
registers must be read with a single I2C access to ensure data integrity. It is possible to read
multiple values in one I2C access. All values must be consistent.
The SOC data are coded in binary format and the LSB of the low byte is 1/512 %. The
battery current is coded in 2’s complement format and the LSB value is 5.88 uV. The battery
voltage is coded in 2’s complement format and the LSB value is 2.20 mV. The temperature
is coded in 2’s complement format and the LSB value is 1°C.
Table 13. REG_MODE - address 0
Name
Position
Type
Def.
Description
VMODE
0
R/W
1
0: Mixed mode (Coulomb counter active)
1: Power saving voltage mode
CLR_VM_ADJ
1
R/W
0
Write 1 to clear ACC_VM_ADJ and
REG_VM_ADJ.
Auto clear bit if GG_RUN = 1
CLR_CC_ADJ
2
R/W
0
Write 1 to clear ACC_CC_ADJ and REG_CC_ADJ
Auto clear bit if GG_RUN = 1
ALM_ENA
3
R/W
1
Alarm function
0: Disabled
1: Enabled
GG_RUN
4
R/W
0
0: Standby mode. Accumulator and counter
registers are frozen, gas gauge and battery
monitor functions are in standby.
1: Operating mode.
FORCE_CC
5
R/W
0
Forces the mixed mode relaxation timer to switch
to the Coulomb counter mode.
Write 1, self clear to 0
Relaxation counter = 0
FORCE_VM
6
R/W
0
Forces the mixed mode relaxation timer to switch
to voltage gas gauge mode.
Write 1, self clear to 0
Relaxation counter = Relax_max
7
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com