Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3115IJT Datasheet(PDF) 23 Page - STMicroelectronics

Part # STC3115IJT
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115IJT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STC3115IJT Datasheet HTML 19Page - STMicroelectronics STC3115IJT Datasheet HTML 20Page - STMicroelectronics STC3115IJT Datasheet HTML 21Page - STMicroelectronics STC3115IJT Datasheet HTML 22Page - STMicroelectronics STC3115IJT Datasheet HTML 23Page - STMicroelectronics STC3115IJT Datasheet HTML 24Page - STMicroelectronics STC3115IJT Datasheet HTML 25Page - STMicroelectronics STC3115IJT Datasheet HTML 26Page - STMicroelectronics STC3115IJT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
DocID023755 Rev 4
23/31
STC3115
I2C interface
31
REG_CC_ADJ_LOW
25
R/W
0x00
0x00
Coulomb counter adjustment
factor
1/512%
REG_VM_ADJ_LOW
26
R/W
0x00
0x00
Voltage mode adjustment
factor
ACC_CC_ADJ
27-28
R/W
0x00
0x00
Coulomb Counter correction
accumulator
ACC_VM_ADJ
29-30
R/W
0x00
0x00
Voltage mode correction
accumulator
RAM registers
32 to 47
REG_RAM0
32
R/W
Random Unchanged
Working register 0 for gas
gauge
...
...
...
REG_RAM15
47
R/W
Random Unchanged
Working register 15 for gas
gauge
OCV adjustment
registers
REG_OCVTAB
48 to 63
R/W
0x00
0x00
OCV adjustment table
(16 registers)
0.55 mV
Table 12. Register map (continued)
Name
Address
(decimal)
Type
POR
Soft
POR
Description
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com