Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC3115AIQT Datasheet(PDF) 19 Page - STMicroelectronics

Part # STC3115AIQT
Description  Gas gauge IC with alarm output for handheld applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3115AIQT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STC3115AIQT Datasheet HTML 15Page - STMicroelectronics STC3115AIQT Datasheet HTML 16Page - STMicroelectronics STC3115AIQT Datasheet HTML 17Page - STMicroelectronics STC3115AIQT Datasheet HTML 18Page - STMicroelectronics STC3115AIQT Datasheet HTML 19Page - STMicroelectronics STC3115AIQT Datasheet HTML 20Page - STMicroelectronics STC3115AIQT Datasheet HTML 21Page - STMicroelectronics STC3115AIQT Datasheet HTML 22Page - STMicroelectronics STC3115AIQT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
DocID023755 Rev 4
19/31
STC3115
Functional description
31
Figure 11. BATD and RSTIO
The BATD/CD pin used as a battery detector is an analog I/O.The input detection threshold
is typically 1.61V.
BATD/CD is also an output connected to VCC level when active. Otherwise, it is high
impedance.
The RSTIO/BATD signal is used to control the application system reset during the initial
OCV measurement. The RSTIO/BATD pin is a standard I/O pin with open drain output.
BATD/CD can be connected to the NTC sensor or to the identification resistor of the battery
pack. The STC3115 does not provide any biasing voltage or current for the battery
detection. An external pull-up resistor or another device has to pull the BATD/CD pin high
when the battery is removed.
Figure 12. BATD/CD pin connection when used as battery detector
BATD/CD
RSTIO/BATD
VCC
BATD_drive_high
BATD_comp_out
RSTI
RSTO
1.61 V
+
-
STC3115
STC3115
Other biasing
and/or detection
circuit
Battery
pack
BATD/CD
Rid
BATD biasing by external circuitry
BATD resistor biasing
Battery pack
Rid
Ru
(>1 M)
1K
1K
BATD/CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com