Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMN2AM832 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN2AM832
Description  DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2AM832 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN2AM832 Datasheet HTML 1Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 2Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 3Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 4Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 5Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 6Page - Diodes Incorporated ZXMN2AM832 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN2AM832
ISSUE 3 - JANUARY 2005
2
SEMICO NDUC TORS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)(f)
R JA
83.3
°C/W
Junction to Ambient (b)(f)
R JA
51
°C/W
Junction to Ambient (c)(f)
R JA
125
°C/W
Junction to Ambient (d)(f)
R JA
111
°C/W
Junction to Ambient (d)(g)
R JA
73.5
°C/W
Junction to Ambient (e)(g)
R JA
41.7
°C/W
THERMAL RESISTANCE
Notes
(a) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached. The
copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(b) Measured at t<5 secs for a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed
pads attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(c) For a dual device surface mounted on 8 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with minimal lead connections only.
(d) For a dual device surface mounted on 10 sq cm single sided 1oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(e) For a dual device surface mounted on 85 sq cm single sided 2oz copper on FR4 PCB, in still air conditions with all exposed pads attached
attached. The copper area is split down the centre line into two separate areas with one half connected to each half of the dual device.
(f) For a dual device with one active die.
(g) For dual device with 2 active die running at equal power.
(h) Repetitive rating - pulse width limited by max junction temperature. Refer to Transient Thermal Impedance graph.
(i) The minimum copper dimensions required for mounting are no smaller than the exposed metal pads on the base of the device as shown in the
package dimensions data. The thermal resistance for a dual device mounted on 1.5mm thick FR4 board using minimum copper 1 oz weight, 1mm
wide tracks and one half of the device active is Rth = 250°C/W giving a power rating of Ptot = 500mW.
PARAMETER
SYMBOL
N-Channel
UNIT
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGS
12
V
Continuous Drain Current @VGS=10V; TA=25 C
(b) (f)
@VGS=10V; TA=70 C
(b) (f)
@VGS=10V; TA=25 C
(a) (f)
ID
3.7
3.0
2.9
A
A
A
Pulsed Drain Current
IDM
13
A
Continuous Source Current (Body Diode)
(b) (f)
IS
3.0
A
Pulsed Source Current (Body Diode)
ISM
13
A
Power Dissipation at TA=25°C
(a) (f)
Linear Derating Factor
PD
1.5
12
W
mW/°C
Power Dissipation at TA=25°C
(b) (f)
Linear Derating Factor
PD
2.45
19.6
W
mW/°C
Power Dissipation at TA=25°C
(c) (f)
Linear Derating Factor
PD
1
8
W
mW/°C
Power Dissipation at TA=25°C (
d) (f)
Linear Derating Factor
PD
1.13
9
W
mW/°C
Power Dissipation at TA=25°C
(d) (g)
Linear Derating Factor
PD
1.7
13.6
W
mW/°C
Power Dissipation at TA=25°C
(e) (g)
Linear Derating Factor
PD
3
24
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS.
Not Recommended for New Design
Please Use ZXMN2AMCTA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com